Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMG5C80C Datasheet(PDF) 2 Page - SanRex Corporation

Part # TMG5C80C
Description  TRIAC(Through Hole/Non-isolated)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation

TMG5C80C Datasheet(HTML) 2 Page - SanRex Corporation

  TMG5C80C Datasheet HTML 1Page - SanRex Corporation TMG5C80C Datasheet HTML 2Page - SanRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TMG5C80C
Gate Characteristics
Gate Current(mA)
0.
1
1
10
100
100
10
1000
10000
VGM
(10V)
PGM
(3W)
VGD
(0.2V)
PG(AV)
(0.3W)
25℃
1+GT1
1−GT1
1−GT3
On-State Characteristics(MAX)
On-State Voltage(V)
0.
5
1.
0
1.
5
2.
0
2.
5
3.
0
3.
5
10
100
1
0.
2
2
5
20
50
0.
5
T
j=25℃
T
j=125℃
RMS On-State Current(A)
2
3
4
5
6
7
1
0
0
1
2
3
4
5
6
RMS On-State Current vs
Maximum Power Dissipation
θ=30゜
θ=60゜
θ=90゜
θ=120゜
θ=150゜
θ=180゜
0
2π
360゜
θ
θ
θ
:Conduction Angle
π
RMS On-State Current(A)
110
115
120
125
105
0
1
2
3
4
5
RMS On-State vs
Allowable Case Temperature
0
2π
360゜
θ
θ
θ
:Conduction Angle
π
θ=30゜
θ=90゜
θ=150゜
θ=180゜
θ=120゜
θ=60゜
10
20
30
40
50
60
0
1
2
5
20
50
100
10
Time(Cycles)
Surge On-State Current Rating
(Non-Repetitive)
60HZ
50HZ
10
0.1
1
10
100
1
0.01
Time(Sec.)
Transient Thermal Impedance
Junction Temp. Tj(℃)
20
200
50
500
10
100
1000
−50
0
50
100
150
IGT −Tj(Typical)
I
+
GT1
(1
+)
I
−
GT1
(1
−)
I
−
GT3
(3
−)
Junction Temp. Tj(℃)
−50
0
50
100
150
VGT −Tj(Typical)
V
+
GT1
(1
+)
V
−
GT1
(1
−)
V
−
GT3
(3
−)
20
200
50
500
10
100
1000
SanRex 50 Seaview Blvd. Port Washington, NY 11050 PH(516)625-1313 FX(516)625-8845 E-mail:semi@sanrex.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com