Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB647 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SB647
Description  Silicon PNP Epitaxial
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SB647 Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SB647 Datasheet HTML 1Page - Renesas Technology Corp 2SB647 Datasheet HTML 2Page - Renesas Technology Corp 2SB647 Datasheet HTML 3Page - Renesas Technology Corp 2SB647 Datasheet HTML 4Page - Renesas Technology Corp 2SB647 Datasheet HTML 5Page - Renesas Technology Corp 2SB647 Datasheet HTML 6Page - Renesas Technology Corp 2SB647 Datasheet HTML 7Page - Renesas Technology Corp 2SB647 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2SB647, 2SB647A
2
Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
2SB647
2SB647A
Unit
Collector to base voltage
V
CBO
–120
–120
V
Collector to emitter voltage
V
CEO
–80
–100
V
Emitter to base voltage
V
EBO
–5
–5
V
Collector current
I
C
–1
–1
A
Collector peak current
i
C(peak)
–2
–2
A
Collector power dissipation
P
C
0.9
0.9
W
Junction temperature
Tj
150
150
°C
Storage temperature
Tstg
–55 to +150
–55 to +150
°C
Electrical Characteristics (Ta = 25°C)
2SB647
2SB647A
Item
Symbol Min
Typ
Max
Min
Typ
Max Unit
Test conditions
Collector to base
breakdown voltage
V
(BR)CBO
–120 —
—
–120 —
—
V
I
C = –10 µA, IE = 0
Collector to emitter
breakdown voltage
V
(BR)CEO
–80
—
—
–100 —
—
V
I
C = –1 mA, RBE = ∞
Emitter to base breakdown
voltage
V
(BR)EBO
–5
—
—
–5
—
—
V
I
E = –10 µA, IC = 0
Collector cutoff current
I
CBO
—
—
–10
—
—
–10
µAV
CB = –100 V, IE = 0
DC current transfer ratio
h
FE1*
1
60
—
320
60
—
200
V
CE = –5 V,
I
C = –150 mA*
2
h
FE2
30
—
—
30
—
—
V
CE = –5 V,
I
C = –500 mA*
2
Collector to emitter
saturation voltage
V
CE(sat)
—
—
–1
—
—
–1
V
I
C = –500 mA,
I
B = –50 mA*
2
Base to emitter voltage
V
BE
—
—
–1.5
—
—
–1.5 V
V
CE = –5 V,
I
C = –150 mA*
2
Gain bandwidth product
f
T
—
140
—
—
140
—
MHz V
CE = –5 V, IC = –150 mA
Collector output capacitance Cob
—
20
—
—
20
—
pF
V
CB = –10 V, IE = 0
f = 1 MHz
Notes: 1. The 2SB647 and 2SB647A are grouped by h
FE1 as follows.
2. Pulse test
BC
D
2SB647
60 to 120
100 to 200
160 to 320
2SB647A
60 to 120
100 to 200
—



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com