Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3426 Datasheet(PDF) 3 Page - Silan Microelectronics Joint-stock

Part # SC3426
Description  8-DIGIT CALCULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC3426 Datasheet(HTML) 3 Page - Silan Microelectronics Joint-stock

  SC3426 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC3426 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC3426 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC3426 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC3426 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC3426 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC3426 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC3426 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC3426 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Silan
Semiconductors
SC3423
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2000.12.31
3
SC3423
VSS
+
-
2
1
47
µA
VDD
34
35
32
IDD Test Circuit
Rf=560k +/- 5%
VSS
Note: 3. Applies to Pins K2 – K6, TI and S2.
4. Applies to Pin S1.
5. Applies to Pins K2 ~ K6 and TI.
6. Applies to Pin S2.
7. Applies to P1, P2, A2 ~ A5.
8. Applies to H1 ~ H3, a1 ~ a9, b1 ~ b8, c1 ~ c8.
9. Measured by the next test circuit after powe
supply automatically yurns off.
10. Measured by the next test circuit while “0” is
being displayed after auto-clear operation
and while key is not being depressed.
11. Applies to PO
T
Fd=1/T
OUTPUT
WAVEFORM 1;
Hi
VOA
VOB
VOC
VOA
VOC
OUTPUT
WAVEFORM 2
ai, bi, ci
PIN DESCRIPTION
Pin
No.
Symbol I/O
Description
Pin
No.
Symbol I/O
Description
1
S2
I
APO(Auto Power Off) input
25
a8
O
Display Output (Common)
2VDD
--
Power Supply
26
b8
O
Display Output (Segment)
3
H1
O
Display Output (Common)
27
c8
O
Display Output (Segment)
4
a1
O
Display Output (Segment)
28
a9
O
Display Output (Segment)
5
b1
O
Display Output (Segment)
29
H2
O
Display Output (Common)
6
c1
O
Display Output (Segment)
30
H3
O
Display Output (Common)
7
a2
O
Display Output (Segment)
31
VSS
--
Ground
8
b2
O
Display Output (Segment)
32
Po
O
Piezo Output
9
c2
O
Display Output (Segment)
33
Ti
I
Test Input
10
a3
O
Display Output (Segment)
34
CGout
O
Resistor terminal for CG
11
b3
O
Display Output (Segment)
35
CGin
I
Resistor terminal for CG
12
c3
O
Display Output (Segment)
36
K3
I
Key input
13
a4
O
Display Output (Segment)
37
K2
I
Key input
14
b4
O
Display Output (Segment)
38
A2
O
Strobe output
15
c4
O
Display Output (Segment)
39
A3
O
Strobe output
16
a5
O
Display Output (Segment)
40
A4
O
Strobe output
17
b5
O
Display Output (Segment)
41
A5
O
Strobe output
18
c5
O
Display Output (Segment)
42
P2
O
Strobe output
19
a6
O
Display Output (Segment)
43
P1
O
Strobe output
20
b6
O
Display Output (Segment)
44
K5
I
Key input
21
c6
O
Display Output (Segment)
45
K6
I
Key input
22
a7
O
Display Output (Segment)
46
K4
I
Key input
23
b7
O
Display Output (Segment)
47
S1
I
24
c7
O
Display Output (Segment)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com