Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA55 Datasheet(PDF) 1 Page - Beijing Yaohuadechang Electronic Co., Ltd.

Part # HA55
Description  Hall closed loop current sensor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YHDC [Beijing Yaohuadechang Electronic Co., Ltd.]
Direct Link  http://www.yhdc.com
Logo YHDC - Beijing Yaohuadechang Electronic Co., Ltd.

HA55 Datasheet(HTML) 1 Page - Beijing Yaohuadechang Electronic Co., Ltd.

  HA55 Datasheet HTML 1Page - Beijing Yaohuadechang Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Hall closed loop current sensor
Model:HA55
Closed loop,PCB welding type;
Detect DC,AC and pulse current
Technical indicators:
Flame resistance:UL94-V0
Working temperature:-10~+70℃
Storage temperature:-40~+85℃
Bandwidth:DC~150kHz
Dielectric strength:2.5KV 50Hz 1min
Electrical parameters:
Dimensions( in mm):
www.yhdc.com
Email:yhdc@yhdc.com
Rated input
Input measured range
Rated output
Accuracy
Linearity
Supply voltage(±5%)
Current consumption
Load impedance
Zero offsetTA=25℃
Response time
Weight
I
P
I
PM
I
OUT
X
ε
L
V
C
I
C
R
L
I
OE
T
R
N.W
±50
±75
±50
0.5
<
0.1
±15
±10
160
≤±0.3
<
1
17
A
A
mA
%
%
V
mA+Im
Ω
mA
μs
g
Connection Diagram:
Front view
Side view
current direction
15±0.5
14.45±0.5
6.55
1Pin
22.86±0.5
=
=
=
=
36.6±0.5
5.08
1
3
2
Pins definition
1:M
2:-15V
3:+15V
1
3
2
-15V
+15V
A
GND


Similar Part No. - HA55

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HA55 BITECH-HA55 Datasheet
668Kb / 8P
Power Inductor
logo
TT Electronics.
HA55 TTELEC-HA55 Datasheet
668Kb / 8P
RoHS Compliant
logo
Bi technologies
HA55-2223070LF BITECH-HA55-2223070LF Datasheet
668Kb / 8P
Power Inductor
logo
TT Electronics.
HA55-2223070LF TTELEC-HA55-2223070LF Datasheet
668Kb / 8P
RoHS Compliant
logo
Bi technologies
HA55-3023115LF BITECH-HA55-3023115LF Datasheet
668Kb / 8P
Power Inductor
More results

Similar Description - HA55

ManufacturerPart #DatasheetDescription
logo
Beijing Yaohuadechang E...
HA25 YHDC-HA25 Datasheet
3Mb / 1P
Hall closed loop current sensor
HA2009 YHDC-HA2009 Datasheet
3Mb / 1P
Hall closed loop current sensor
HA2020 YHDC-HA2020 Datasheet
8Mb / 1P
Hall closed loop current sensor
HA2045-D300D12A100 YHDC-HA2045-D300D12A100 Datasheet
7Mb / 3P
Hall closed loop current sensor
HA2072-D1000D15A200 YHDC-HA2072-D1000D15A200 Datasheet
7Mb / 3P
Hall closed loop current sensor
HA4009 YHDC-HA4009 Datasheet
4Mb / 1P
Hall closed loop current sensor
HAB55 YHDC-HAB55 Datasheet
3Mb / 1P
Hall closed loop current sensor
HAS14Z YHDC-HAS14Z Datasheet
4Mb / 1P
Hall closed loop current sensor
HAS2009 YHDC-HAS2009 Datasheet
3Mb / 1P
Hall closed loop current sensor
HAS4009 YHDC-HAS4009 Datasheet
4Mb / 1P
Hall closed loop current sensor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com