Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAB55 Datasheet(PDF) 1 Page - Beijing Yaohuadechang Electronic Co., Ltd.

Part # HAB55
Description  Hall closed loop current sensor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YHDC [Beijing Yaohuadechang Electronic Co., Ltd.]
Direct Link  http://www.yhdc.com
Logo YHDC - Beijing Yaohuadechang Electronic Co., Ltd.

HAB55 Datasheet(HTML) 1 Page - Beijing Yaohuadechang Electronic Co., Ltd.

  HAB55 Datasheet HTML 1Page - Beijing Yaohuadechang Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Hall closed loop current sensor
Model:HAB55
Closed loop hall current sensor,hall magnetic compensation
principle,can isolated measure AC, DC, pulse current.
Technical indicators:
Flame resistance:UL94-V0
Working temperature:-25~+70℃
Storage temperature:-25~+100℃
Bandwidth:DC~150kHz
Dielectric strength:2.5KV 50Hz 1min
Electrical parameters:
Dimensions( in mm):
www.yhdc.com
Email:yhdc@yhdc.com
Rated input
Input measured range
Rated output
Accuracy
Linearity
Supply voltage(±5%)
Current consumption
Load impedance
Zero offsetTA=25℃
Response time
Weight
I
P
I
PM
I
OUT
X
ε
L
V
C
I
C
R
L
I
OE
T
R
N.W
±50
±80
±50
0.5
<
0.15
±15
±10
10-100
≤±0.3
<
1
16
A
A
mA
%
%
V
mA+Im
Ω
mA
μs
g
Connection Diagram:
Front view
31.5±0.5
22.86±0.5
8.89
_
+
M
5.08
Side view
27.6±0.5
5.2
4.5
Top view
36.5±0.5
6.4
-15V
+15V
A
_
+
M
GND


Similar Part No. - HAB55

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
HAB EDI-HAB Datasheet
77Kb / 2P
3 AMPERE AXIAL LEAD RECTIFIERS
logo
Apex Electronics Co., L...
HAB APEX-ELECTRONICS-HAB Datasheet
381Kb / 1P
Pushbutton switch, side actuated, push to lock
logo
HuaXinAn Electronics CO...
HAB-102M HUAXINAN-HAB-102M Datasheet
317Kb / 5P
Small capacitance and excellent insulation resistance
HAB-141N HUAXINAN-HAB-141N Datasheet
317Kb / 5P
Small capacitance and excellent insulation resistance
HAB-181N HUAXINAN-HAB-181N Datasheet
317Kb / 5P
Small capacitance and excellent insulation resistance
More results

Similar Description - HAB55

ManufacturerPart #DatasheetDescription
logo
Beijing Yaohuadechang E...
HA25 YHDC-HA25 Datasheet
3Mb / 1P
Hall closed loop current sensor
HA55 YHDC-HA55 Datasheet
5Mb / 1P
Hall closed loop current sensor
HA2009 YHDC-HA2009 Datasheet
3Mb / 1P
Hall closed loop current sensor
HA2020 YHDC-HA2020 Datasheet
8Mb / 1P
Hall closed loop current sensor
HA2045-D300D12A100 YHDC-HA2045-D300D12A100 Datasheet
7Mb / 3P
Hall closed loop current sensor
HA2072-D1000D15A200 YHDC-HA2072-D1000D15A200 Datasheet
7Mb / 3P
Hall closed loop current sensor
HA4009 YHDC-HA4009 Datasheet
4Mb / 1P
Hall closed loop current sensor
HAS14Z YHDC-HAS14Z Datasheet
4Mb / 1P
Hall closed loop current sensor
HAS2009 YHDC-HAS2009 Datasheet
3Mb / 1P
Hall closed loop current sensor
HAS4009 YHDC-HAS4009 Datasheet
4Mb / 1P
Hall closed loop current sensor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com