Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US5KBF Datasheet(PDF) 1 Page - Shanghai Yint Electronic Co., Ltd

Part # US5KBF
Description  SURFACE MOUNT ULTRAFAST RECOVERY RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YINT [Shanghai Yint Electronic Co., Ltd]
Direct Link  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

US5KBF Datasheet(HTML) 1 Page - Shanghai Yint Electronic Co., Ltd

  US5KBF Datasheet HTML 1Page - Shanghai Yint Electronic Co., Ltd US5KBF Datasheet HTML 2Page - Shanghai Yint Electronic Co., Ltd US5KBF Datasheet HTML 3Page - Shanghai Yint Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SURFACE MOUNT ULTRAFAST RECOVERY RECTIFIER
Trustworthy electronic circuit protection expert
US5ABF THRU US5MBF
www.yint.com.cn
1
Rev:19.3
US5ABF THRU US5MBF
Features
●
For surface mounted applications
●
Low profile package
●
Glass Passivated Chip Junction
●
Easy to pick and place
●
High efficiency
●
Lead free in comply with EU RoHS 2011/65/EU directives
Mechanical Data
●
Case:SMBF
●
Terminals: Solderable per MIL-STD-750, Method 20
●
Approx. Weight: 57mg / 0.002oz
Simplified outline SMBF and symbol
Pinning
PIN
DESCRIPTION
1
Cathode
2
Anode
Absolute Maximum Ratings And Characteristics
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Parameter
Symbols
US5ABF
US5BBF
US5DBF
US5GBF
US5JBF
US5KBF
US5MBF
Units
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified
Current at Tc = 125 °C
IF(AV)
5
A
Peak Forward Surge Current 8.3 ms Single
Half Sine Wave Superimposed on Rated
Load
IFSM
150
A
Maximum Instantaneous Forward Voltage
at 1 A
VF
1.0
1.3
1.65
V
Maximum DC Reverse Current Ta = 25 °C
at Rated DC Blocking Voltage Ta =125 °C
IR
10
100
μ
A
Maximum Reverse Recovery Time(1)
trr
50
75
ns
Typical Thermal Resistance(2)
RθJA
RθJC
40
12
℃
/W
Operating and Storage Temperature Range
Tj, Tstg
-55 ~ +150
℃
(
1)Measured with IF = 0.5 A, IR = 1 A, Irr = 0.25 A
(
2)P.C.B. mounted with 2.0" X 2.0" (5 X 5 cm) copper pad areas


Similar Part No. - US5KBF

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
US5KBF ZSELEC-US5KBF Datasheet
96Kb / 2P
5 .0A SURFACE MOUNT ULTRAFAST DIODE
logo
Microdiode Semiconducto...
US5KBF CHENDA-US5KBF Datasheet
799Kb / 3P
SURFACE MOUNT ULTRA FAST RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
US5KBF YFWDIODE-US5KBF Datasheet
476Kb / 3P
Surface Mount Ultrafast Recovery Rectifier
logo
SHIKUES Electronics
US5KBF SKTECHNOLGY-US5KBF Datasheet
1Mb / 3P
Surface Mount Ultrafast Recovery Rectifier
logo
UN Semiconducctor INC
US5KBF UNSEMI-US5KBF Datasheet
2Mb / 4P
Surface Mount Fast Recovery Rectifiers
Revision March 1,2022
More results

Similar Description - US5KBF

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
US2AF YFWDIODE-US2AF Datasheet
127Kb / 3P
SURFACE MOUNT ULTRAFAST RECOVERY RECTIFIER
US2AW YFWDIODE-US2AW Datasheet
83Kb / 3P
SURFACE MOUNT ULTRAFAST RECOVERY RECTIFIER
US2AF-SMAF YFWDIODE-US2AF-SMAF Datasheet
419Kb / 3P
SURFACE MOUNT ULTRAFAST RECOVERY RECTIFIER
US2AW-SOD123FL YFWDIODE-US2AW-SOD123FL Datasheet
420Kb / 3P
SURFACE MOUNT ULTRAFAST RECOVERY RECTIFIER
logo
Shanghai Yint Electroni...
US3AF YINT-US3AF Datasheet
469Kb / 3P
SURFACE MOUNT ULTRAFAST RECOVERY RECTIFIER
logo
Nantong Hornby Electron...
UF3X HORNBY-UF3X Datasheet
280Kb / 3P
SURFACE MOUNT ULTRAFAST RECOVERY RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
US5ABF YFWDIODE-US5ABF Datasheet
476Kb / 3P
Surface Mount Ultrafast Recovery Rectifier
logo
SHIKUES Electronics
US1AW SKTECHNOLGY-US1AW Datasheet
828Kb / 4P
SURFACE MOUNT ULTRAFAST RECOVERY RECTIFIER
US2AG SKTECHNOLGY-US2AG Datasheet
552Kb / 3P
SURFACE MOUNT ULTRAFAST RECOVERY RECTIFIER
logo
UN Semiconducctor INC
US1JW UNSEMI-US1JW Datasheet
2Mb / 4P
Surface Mount Ultrafast Recovery Rectifier
Revision March 1,2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com