Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P0900L Datasheet(PDF) 2 Page - Shanghai Yint Electronic Co., Ltd

Part # P0900L
Description  Thyristor Surge Suppressors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YINT [Shanghai Yint Electronic Co., Ltd]
Direct Link  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

P0900L Datasheet(HTML) 2 Page - Shanghai Yint Electronic Co., Ltd

  P0900L Datasheet HTML 1Page - Shanghai Yint Electronic Co., Ltd P0900L Datasheet HTML 2Page - Shanghai Yint Electronic Co., Ltd P0900L Datasheet HTML 3Page - Shanghai Yint Electronic Co., Ltd P0900L Datasheet HTML 4Page - Shanghai Yint Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Thyristor Surge Suppressors (TSS)
Trustworthy electronic circuit protection expert
INT PXXXL DO-15/DO-27 SERIE
www.yint.com.cn
Rev:19.3
2
Summary Electrical Characteristics, T a = 25 °C (Unless Otherwise Noted)
Parameter
Description
IDRM@VDRM
VS ①@IS
VT@ IT
IH
CO ②
A
B
C
Unit
μA
V
V
mA
V
A
mA
pF
Type
ENV
max
min
max
max
max
max
min
max
P0080L
L
5
6
25
800
4
2.2
50
80
130
130
P0220L
L
5
18
30
800
4
2.2
50
60
120
120
P0300L
L
5
25
40
800
4
2.2
50
60
120
100
P0640L
L
5
58
77
800
4
2.2
150
50
80
200
P0720L
L
5
66
87
800
4
2.2
150
50
75
150
P0900L
L
5
75
98
800
4
2.2
150
50
70
140
P1100L
L
5
90
130
800
4
2.2
150
45
70
110
P1300L
L
5
120
160
800
4
2.2
150
45
60
100
P1500L
L
5
140
180
800
4
2.2
150
45
55
90
P1800L
L
5
170
220
800
4
2.2
150
35
50
90
P2300L
L
5
190
260
800
4
2.2
150
35
50
80
P2600L
L
5
220
300
800
4
2.2
150
35
45
80
P3100L
L
5
275
350
800
4
2.2
150
35
45
75
P3500L
L
5
320
400
800
4
2.2
150
35
40
60
For individual “LA” ”LB” “LC” Surge ratings,see table above
L : Lead-free
①
Vs is measured at 100KV/s
②
Off-state capacitance is measured in VDC=2V, VRMS=1V, f=1MHz
Surge Ratings
Series
Ipp
2/10μS
Amps
Ipp
8/20μS
Amps
Ipp
10/160μS
Amps
Ipp
10/560μS
Amps
Ipp
10/1000μS
Amps
ITSM
60HZ
Amps
Di/Dt
Amps /μS
A
150
150
90
50
45
20
500
B
250
250
150
100
80
30
500
C
500
400
200
150
100
50
500



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com