Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDP9310 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STDP9310
Description  Athena ??Premium high resolution multimedia monitor controller with 3D video
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDP9310 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STDP9310 Datasheet HTML 2Page - STMicroelectronics STDP9310 Datasheet HTML 3Page - STMicroelectronics STDP9310 Datasheet HTML 4Page - STMicroelectronics STDP9310 Datasheet HTML 5Page - STMicroelectronics STDP9310 Datasheet HTML 6Page - STMicroelectronics STDP9310 Datasheet HTML 7Page - STMicroelectronics STDP9310 Datasheet HTML 8Page - STMicroelectronics STDP9310 Datasheet HTML 9Page - STMicroelectronics STDP9310 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Main features
STDP9310, STDP9320, STDP9210, STDP7310, STDP7320
6/10
Doc ID 18936 Rev 3
3.11
Video image processing
●
Dual path input video processing
●
Dual path vertical and horizontal downscale or upscale
●
High quality linear sharpness control via peaking filter
●
Support non-linear scaling for aspect ratio conversion
●
Support spatial de-interlacing through vertical filter
●
Maximum input resolution: 4096 x 2160
●
Maximum scaled output resolution: 2560 x 2160
●
Maximum bypass resolution: 4096 x 2160
3.12
Faroudja technology for image quality
●
DCDi
●
Frame/field-based motion detection and pixel-based Motion Detection for Adaptive De-
Interlacing (MADI)
●
Film mode detection
●
Non-linear video enhancer
3.13
Output video processing
●
Main, PIP & OSD blender with multi-PIP support
●
Independent 6-Axis color control engine
●
Quick-Match2 enhanced dual gamma Look Up Table
●
RGB uniformity compensation
●
LCD overdrive with temperature compensation and 3D display enhancement
●
Left-Right dual-drive panel format support
●
Enhanced line interleaved and frame sequential 3D panel interface support
3.14
DDR memory controller
●
Support DDR2 and DDR3 memory interface
●
Supports 16/32-bit memory I/F 1x16, 2x16, 1x32
●
DDR max frequency 533 MHz for DDR data speed 1066 bps compatible devices
3.15
Output ports
●
Quad/dual channel LVDS transmitter
●
DisplayPort 1.2, 5.4 GHz transmitter with multi-stream capability for daisy-chaining
monitors
●
Support eDP1.2 for notebook monitor
●
Simultaneous output on LVDS & DPTx
●
Bypass mode to bypass video from capture source to output port



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com