Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDP9320 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STDP9320
Description  Athena ??Premium high resolution multimedia monitor controller with 3D video
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDP9320 Datasheet(HTML) 5 Page - STMicroelectronics

  STDP9320 Datasheet HTML 1Page - STMicroelectronics STDP9320 Datasheet HTML 2Page - STMicroelectronics STDP9320 Datasheet HTML 3Page - STMicroelectronics STDP9320 Datasheet HTML 4Page - STMicroelectronics STDP9320 Datasheet HTML 5Page - STMicroelectronics STDP9320 Datasheet HTML 6Page - STMicroelectronics STDP9320 Datasheet HTML 7Page - STMicroelectronics STDP9320 Datasheet HTML 8Page - STMicroelectronics STDP9320 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
STDP9310, STDP9320, STDP9210, STDP7310, STDP7320
Main features
Doc ID 18936 Rev 3
5/10
3.5
Analog video input port
●
Integrated 10-bit triple ADCs
●
1x VGA(RGB) and 1x component input
●
Max ADC sampling rate: 205 MHz
●
Low power mode support and sync detection
3.6
TTL video input port
●
24-bit multi-format video input port
3.7
Dual input video capture ports
●
Flexible PIP (PAP, PBP, POP) support capability (video, graphics) between any 2 input
ports
●
Input Format Detection & video processing
3.8
Audio input and output system
●
8-CH HBR audio source from DP or HDMI receivers
●
SPDIF & I2S Rx ports: max input sampling rate 192 KHz
●
Analog audio line In for HP, line-out bypass
●
24 b audio DAC with mute ramp @ 44.1 KHz, 48 KHz, stereo line out/headphone out
●
SPDIF Tx port: output sampling rate 192 KHz, HD audio
●
Quad stereo I2S Tx port: output sampling rate 192 KHz
3.9
3D monitor support
●
Comprehensive 3D input format decode from HDMI1.4, DP1.2 or dual DVI sources up
to 120 Hz inputs
●
Enhanced overdrive with temperature compensation
●
3D Frame Rate Conversion and formatting for 120 Hz frame
●
Sequential or line interleaved panels
●
Shutter glass on-off timing control signal
●
Scanning backlight PWM control to reduce crosstalk
3.10
Active video window detection and enhancement
●
Robust detection works with complex background condition
●
Applies enhancer, sharpness, ACC3, ACM3D inside detected window



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com