Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDP9320-BB Datasheet(PDF) 2 Page - STMicroelectronics

Part # STDP9320-BB
Description  Athena ??Premium high resolution multimedia monitor controller with 3D video
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDP9320-BB Datasheet(HTML) 2 Page - STMicroelectronics

  STDP9320-BB Datasheet HTML 1Page - STMicroelectronics STDP9320-BB Datasheet HTML 2Page - STMicroelectronics STDP9320-BB Datasheet HTML 3Page - STMicroelectronics STDP9320-BB Datasheet HTML 4Page - STMicroelectronics STDP9320-BB Datasheet HTML 5Page - STMicroelectronics STDP9320-BB Datasheet HTML 6Page - STMicroelectronics STDP9320-BB Datasheet HTML 7Page - STMicroelectronics STDP9320-BB Datasheet HTML 8Page - STMicroelectronics STDP9320-BB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Description
STDP9310, STDP9320, STDP9210, STDP7310, STDP7320
2/10
Doc ID 18936 Rev 3
1
Description
The STDP93x0, STDP9210, and STDP73x0 (i.e. Athena) ICs are a series of innovative
System-on-Chip (SoC) controllers designed for multifunctional monitors with a maximum
resolution of up to 2560 x 1600 (STDP93x0), 1920 x 1200 (STDP73x0), and 120 Hz FHD
(STDP9210).
The Athena chips are the first ICs to combine a DP 1.2 receiver/transmitter, HDMI 1.4
receiver, and dual DVI receiver to support 3D video source from graphics cards and Blu-rays
for full HD 120 Hz display. The Athena ICs can capture a maximum of 4096 pixels by 2160
lines. This can be either bypassed unchanged or scaled down to a maximum of 2560 x 1600
or 2048 x 2160 (STDP93x0) or 1920 x 1200 (STDP73x0) or 120 Hz FHD (STDP92x0). Two
types of output ports (i.e. LVDS and DP) deliver unparalleled image quality and supports
display resolutions of up to WQXGA, WUXGA, and FHD as well. Both outputs
simultaneously output the scaled video, or the bypassed captured input video. Alternately,
the DisplayPort transmitters may be programmed to drive a multi-stream display.
The Athena SoCs allow for a flexible LCD/notebook panel interface by providing high-speed
dual (STDP73x0) and quad (STDP93x0/STDP9210) LVDS transmitters as well as
iDP/eDP1.2 transmitters. DP 1.2 enables multi-monitor displays (i.e. daisy chain support) in
STDP9320 and STDP7320 by providing multiple streams through a signal cable connection.
The DisplayPort receiver in the Athena chips is in compliance with the VESA Mobility
DisplayPort (MyDP) standard. As a MyDP sink, the Athena SoCs can receive 1080P 60 Hz
video and audio from a MyDP enabled smartphone and tablet to mirror the mobile video on
a large screen display.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com