Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCR-33S3O-R Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CCR-33S3O-R
Description  Miniature DC-18GHz SPDT Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CCR-33S3O-R Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CCR-33S3O-R Datasheet HTML 1Page - List of Unclassifed Manufacturers CCR-33S3O-R Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Tel: 800- 284-7007
www.rfswitches.com
email: switches@teledyne.com
01/2004
Specifications subject to change without notice.
9
Analog
TTL
Indicators
Series
Connectors
Actuator Voltage
Part Numbering System for CCR-33 (Failsafe)
CCR-33 S 1 O - N
Options
Actuator Type
Connector
S: SMA Female #
Actuator Voltage
1: 28Vdc Failsafe #
2: 15Vdc Failsafe #
3: 12Vdc Failsafe #
Actuator Type
O: No Indicator Contacts #
C: Indicator Contacts #
Options
T: TTL Drivers with Diodes
N: Narrow Body #
R: Positive + Common
Optional Narrow Width Body
H = 1.30 MAX. STD MODEL
H = 1.80 MAX. TTL MODEL
Standard Width Body
H = 1.30 MAX. STD MODEL
H = 1.80 MAX. TTL MODEL
For other options contact Factory
#: Stock item subject to prior sale
Commercial
CCR-33
Miniature DC-18GHz SPDT Switch
Failsafe



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com