Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7330KST Datasheet(PDF) 19 Page - Analog Devices

Part # ADV7330KST
Description  Multiformat 11-Bit Triple DAC Video Encoder
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7330KST Datasheet(HTML) 19 Page - Analog Devices

Back Button ADV7330KST Datasheet HTML 15Page - Analog Devices ADV7330KST Datasheet HTML 16Page - Analog Devices ADV7330KST Datasheet HTML 17Page - Analog Devices ADV7330KST Datasheet HTML 18Page - Analog Devices ADV7330KST Datasheet HTML 19Page - Analog Devices ADV7330KST Datasheet HTML 20Page - Analog Devices ADV7330KST Datasheet HTML 21Page - Analog Devices ADV7330KST Datasheet HTML 22Page - Analog Devices ADV7330KST Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 76 page
background image
REV. B
ADV7330
–19–
SR7–
SR0
Register
Bit Description
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
Setting
Reset
Values
16h
HD Y Level
1
xx
xx
x
xx
x
Y Color Value
A0h
17h
HD Cr Level
1
xx
xx
xx
xx
Cr Color Value
80h
18h
HD Cb Level
1
xx
xx
x
xx
x
Cb Color Value
80h
19h
Reserved
00h
1Ah
Reserved
00h
1Bh
Reserved
00h
1Ch
Reserved
00h
1Dh
Reserved
00h
1Eh
Reserved
00h
1Fh
Reserved
00h
20h
HD Sharpness Filter
HD Sharpness Filter Gain Value A
00
00
Gain A = 0
00h
Gain
0
00
1
Gain A = +1
..
..
..
..
……
01
11
Gain A = +7
10
00
Gain A = –8
..
..
..
..
……
11
11
Gain A = –1
HD Sharpness Filter Gain Value B
00
00
Gain B = 0
0
00
1
Gain B = +1
..
..
..
..
…….
0
11
1
Gain B = +7
10
00
Gain B = –8
..
..
..
..
……..
11
11
Gain B = –1
21h
HD CGMS Data 0
HD CGMS Data Bits
0
0
0
0
C19
C18
C17
C16
CGMS 19–16
00h
22h
HD CGMS Data 1
HD CGMS Data Bits
C15
C14
C13
C12
C11
C10
C9
C8
CGMS 15–8
00h
23h
HD CGMS Data 2
HD CGMS Data Bits
C7
C6
C5
C4
C3
C2
C1
C0
CGMS 7–0
00h
24h
HD Gamma A
HD Gamma Curve A Data Points
x
x
x
x
x
x
x
x
A0
00h
25h
HD Gamma A
HD Gamma Curve A Data Points
x
x
x
x
x
x
x
x
A1
00h
26h
HD Gamma A
HD Gamma Curve A Data Points
x
x
x
x
x
x
x
x
A2
00h
27h
HD Gamma A
HD Gamma Curve A Data Points
x
x
x
x
x
x
x
x
A3
00h
28h
HD Gamma A
HD Gamma Curve A Data Points
x
x
x
x
x
x
x
x
A4
00h
29h
HD Gamma A
HD Gamma Curve A Data Points
x
x
x
x
x
x
x
x
A5
00h
2Ah
HD Gamma A
HD Gamma Curve A Data Points
x
x
x
x
x
x
x
x
A6
00h
2Bh
HD Gamma A
HD Gamma Curve A Data Points
x
x
x
x
x
x
x
x
A7
00h
2Ch
HD Gamma A
HD Gamma Curve A Data Points
x
x
x
x
x
x
x
x
A8
00h
2Dh
HD Gamma A
HD Gamma Curve A Data Points
x
x
x
x
x
x
x
x
A9
00h
2Eh
HD Gamma B
HD Gamma Curve B Data Points
x
x
x
x
x
x
x
x
B0
00h
2Fh
HD Gamma B
HD Gamma Curve B Data Points
xx
xx
xx
xx
B1
00h
30h
HD Gamma B
HD Gamma Curve B Data Points
x
x
x
x
x
x
x
x
B2
00h
31h
HD Gamma B
HD Gamma Curve B Data Points
xx
xx
xx
xx
B3
00h
32h
HD Gamma B
HD Gamma Curve B Data Points
x
x
x
x
x
x
x
x
B4
00h
33h
HD Gamma B
HD Gamma Curve B Data Points
x
x
x
x
x
x
x
x
B5
00h
34h
HD Gamma B
HD Gamma Curve B Data Points
xx
xx
xx
xx
B6
00h
35h
HD Gamma B
HD Gamma Curve B Data Points
x
x
x
x
x
x
x
x
B7
00h
36h
HD Gamma B
HD Gamma Curve B Data Points
xx
xx
xx
xx
B8
00h
37h
HD Gamma B
HD Gamma Curve B Data Points
x
x
x
x
x
x
x
x
B9
00h
NOTES
1For the internal test pattern only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com