Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX1D0830LR22 Datasheet(PDF) 1 Page - Kemet Corporation

Part # MPX1D0830LR22
Description  KEMET, MPX, Power, 220 nH, 20%
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

MPX1D0830LR22 Datasheet(HTML) 1 Page - Kemet Corporation

  MPX1D0830LR22 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KEMET Part Number: MPX1D0830LR22
KEMET, MPX, Power, 220 nH, 20%
Dimensions
Chip Size
3431
L
8.65mm +/-0.25mm
W
8mm +/-0.2mm
T
3mm MAX
LL
1.3mm NOM
G
5.1mm +/-0.3mm
Packaging Specifications
Packaging: T&R, 330mm
Packaging Quantity: 1500
General Information
Series: MPX
Style: SMD
Description: Surface Mount Inductor
Features: Power Inductors
RoHS: Yes
Core: Composite
Miscellaneous: 40 (K) Temperature Rise Max.
Specifications
Inductance: 0.22 uH (0.1 MHz)
Inductance Tolerance: 20%
Temperature Range: -55/+155°C
Shielded: Yes
Current:
30.7 A (Isat, 30% Drop In
Inductance), 43 A (Irms, 40C
Rise By Self Heating)
DC Resistance: 1.9 mOhms
© 2006 - 2019 KEMET
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.
Generated 7/24/2019 - e11f26ed-2c68-4e5f-be3a-9efc0d771ddc


Similar Part No. - MPX1D0830LR22

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
MPX1D0830LR33 KEMET-MPX1D0830LR33 Datasheet
82Kb / 1P
KEMET, MPX, Power, 330 nH, 20%
MPX1D0830LR47 KEMET-MPX1D0830LR47 Datasheet
83Kb / 1P
KEMET, MPX, Power, 470 nH, 20%
MPX1D0830LR68 KEMET-MPX1D0830LR68 Datasheet
82Kb / 1P
KEMET, MPX, Power, 680 nH, 20%
More results

Similar Description - MPX1D0830LR22

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
MPX1D0520L6R8 KEMET-MPX1D0520L6R8 Datasheet
75Kb / 1P
KEMET, MPX, Power, 6800 nH, 20%
MPX1D0520LR22 KEMET-MPX1D0520LR22 Datasheet
74Kb / 1P
KEMET, MPX, Power, 220 nH, 20%
MPX1D0530LR22 KEMET-MPX1D0530LR22 Datasheet
75Kb / 1P
KEMET, MPX, Power, 220 nH, 20%
MPX1D0618L1R5 KEMET-MPX1D0618L1R5 Datasheet
69Kb / 1P
KEMET, MPX, Power, 1500 nH, 20%
MPX1D0618L2R2 KEMET-MPX1D0618L2R2 Datasheet
69Kb / 1P
KEMET, MPX, Power, 2200 nH, 20%
MPX1D0618L4R7 KEMET-MPX1D0618L4R7 Datasheet
69Kb / 1P
KEMET, MPX, Power, 4700 nH, 20%
MPX1D0618LR22 KEMET-MPX1D0618LR22 Datasheet
69Kb / 1P
KEMET, MPX, Power, 220 nH, 20%
MPX1D0624LR22 KEMET-MPX1D0624LR22 Datasheet
79Kb / 1P
KEMET, MPX, Power, 220 nH, 20%
MPX1D0630LR22 KEMET-MPX1D0630LR22 Datasheet
70Kb / 1P
KEMET, MPX, Power, 220 nH, 20%
MPX1D0840LR22 KEMET-MPX1D0840LR22 Datasheet
82Kb / 1P
KEMET, MPX, Power, 220 nH, 20%
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com