Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

40D Datasheet(PDF) 3 Page - Shanghai Yint Electronic Co., Ltd

Part # 40D
Description  High-Energy Varistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YINT [Shanghai Yint Electronic Co., Ltd]
Direct Link  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

40D Datasheet(HTML) 3 Page - Shanghai Yint Electronic Co., Ltd

  40D Datasheet HTML 1Page - Shanghai Yint Electronic Co., Ltd 40D Datasheet HTML 2Page - Shanghai Yint Electronic Co., Ltd 40D Datasheet HTML 3Page - Shanghai Yint Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
High-Energy Varistors
Trustworthy electronic circuit protection
expert
40Dseries
www.yint.com.cn
Rev:19.3
3
型号规格
Part
NO
压敏电压
Varistor Voltage
最大允许使用电
压
Maximum allowable
voltage
最大限制电压
Maximum Limited
Voltage
通流容量
Withstanding Surge
current(8/20μs)times
静态功率
Rated Wattage
能量耐量 Energy
(
2ms)
0.1mA
AC
DC
Ipp200A
1t
2t
(
W)
μ
S
J
(V)
(V)
(V)
(A)
40D201K
200
185-225
130
170
340
40
20
1.4
10/1000
260
40D221K
220
198-242
140
180
360
40
20
1.4
10/1000
280
40D241K
240
216-264
150
200
395
40
20
1.4
10/1000
300
40D271K
270
243-297
175
225
455
40
20
1.4
10/1000
340
40D301K
300
270-330
190
250
500
40
20
1.4
10/1000
360
40D331K
330
297-363
210
275
550
40
20
1.4
10/1000
380
40D361K
360
324-396
230
300
595
40
20
1.4
10/1000
405
40D391K
390
351-429
250
320
650
40
20
1.4
10/1000
435
40D431K
430
387-473
275
350
710
40
20
1.4
10/1000
500
40D471K
470
423-517
300
385
775
40
20
1.4
10/1000
505
40D511K
510
459-561
320
415
845
40
20
1.4
10/1000
505
40D561K
560
504-616
350
460
925
40
20
1.4
10/1000
510
40D621K
620
558-682
385
505
1025
40
20
1.4
10/1000
515
40D681K
680
612-748
420
560
1120
40
20
1.4
10/1000
560
40D821K
820
738-902
510
670
1355
40
20
1.4
10/1000
680
40D911K
910
819-1001
550
745
1500
40
20
1.4
10/1000
750
40D102K
1000
900-1100
625
825
1650
40
20
1.4
10/1000
780
40D122K
1200
1080-1320
750
980
1980
40
20
1.4
10/1000
800
40D152K
1500
1350-1650
900
1220
2475
40
20
1.4
10/1000
900
40D182K
1800
1620-1980
1000
1465
2970
40
20
1.4
10/1000
1080
注:压敏电压测试电流
DC1Ma 工作环境温度:-45℃~ +85℃ 加强型温度:-45℃~ +125℃压敏电压温度变化率:<0.05/℃
Note: Voltage-sensitive voltage test current DC1Ma working environment temperature: - 45 ~85, intensified temperature: - 45 +125, temperature change rate of
voltage-sensitive voltage: < 0.05/.
Disclaimer
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device
performance may vary over time.
Users should verify actual device performance in their specific applications.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com