Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7S201KT Datasheet(PDF) 3 Page - Shanghai Yint Electronic Co., Ltd

Part # 7S201KT
Description  High-Energy Varistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YINT [Shanghai Yint Electronic Co., Ltd]
Direct Link  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

7S201KT Datasheet(HTML) 3 Page - Shanghai Yint Electronic Co., Ltd

  7S201KT Datasheet HTML 1Page - Shanghai Yint Electronic Co., Ltd 7S201KT Datasheet HTML 2Page - Shanghai Yint Electronic Co., Ltd 7S201KT Datasheet HTML 3Page - Shanghai Yint Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
High-Energy Varistors
Trustworthy electronic circuit protection
expert
34S series
www.yint.com.cn
Rev:19.3
3
型号规格
Part
NO
压敏电压
Varistor Voltage
最大允许使用
电压
Maximum
allowable voltage
最大限制电压
Maximum Limited
Voltage
通流容量
Withstanding
Surge current(8/20
μ
s)times
静态功率
Rated Wattage
能量耐量
Energy(2ms)
静态电容量
(参考值)
Typical
Capacitance
0.1mA
AC
DC
Ipp200A
1t
2t
(
W)
μ
S
J
1KHz
(V)
(V)
(V)
(A)
(PF)
34S201K
200
185-225
130
170
340
40K
30K
1.4
10/1000
310
5980
34S221K
220
198-242
140
180
360
40K
30K
1.4
10/1000
330
5520
34S241K
240
216-264
150
200
395
40K
30K
1.4
10/1000
360
5050
34S271K
270
243-297
175
225
455
40K
30K
1.4
10/1000
390
4600
34S301K
300
270-330
190
250
500
40K
30K
1.4
10/1000
410
4230
34S331K
330
297-363
210
275
550
40K
30K
1.4
10/1000
430
3950
34S361K
360
324-396
230
300
595
40K
30K
1.4
10/1000
460
3680
34S391K
390
351-429
250
320
650
40K
30K
1.4
10/1000
490
3300
34S431K
430
387-473
275
350
710
40K
30K
1.4
10/1000
550
2900
34S471K
470
423-517
300
385
775
40K
30K
1.4
10/1000
600
2660
34S511K
510
459-561
320
415
845
40K
30K
1.4
10/1000
640
2500
34S561K
560
504-616
350
460
925
40K
30K
1.4
10/1000
700
2300
34S621K
620
558-682
385
505
1025
40K
30K
1.4
10/1000
800
1840
34S681K
680
612-748
420
560
1120
40K
30K
1.4
10/1000
910
1750
34S751K
750
657-825
460
615
1240
40K
30K
1.4
10/1000
920
1650
34S781K
780
702-858
485
640
1290
40K
30K
1.4
10/1000
930
1560
34S821K
820
738-902
510
670
1355
40K
30K
1.4
10/1000
940
1500
34S911K
910
819-1001
550
745
1500
40K
30K
1.4
10/1000
960
1380
34S951K
951
855-1045
575
765
1580
40K
30K
1.4
10/1000
1000
1230
34S102K
1.0K
900-1000
625
825
1650
40K
30K
1.4
10/1000
1050
1190
34S122K
1.2K
1080-1320
750
980
1980
40K
30K
1.4
10/1000
1200
1100
34S142K
1.4K
1278-1540
870
1160
2370
40K
30K
1.4
10/1000
1600
1000
34S162K
1.6K
1440-1584
1000
1200
2700
40K
30K
1.4
10/1000
1830
900
34S182K
1.8K
1620-1980
1200
1450
2970
40K
30K
1.4
10/1000
2050
800
注:压敏电压测试电流
DC1Ma 工作环境温度:-45℃~ +85℃ 加强型温度:-45℃~ +125℃压敏电压温度变化率:<0.05/℃
Note: Voltage-sensitive voltage test current DC1Ma working environment temperature: - 45 ~85, intensified temperature: - 45 +125, temperature change rate of
voltage-sensitive voltage: < 0.05/.
Disclaimer
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device
performance may vary over time.
Users should verify actual device performance in their specific applications.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com