Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMAJ Datasheet(PDF) 3 Page - Shanghai Yint Electronic Co., Ltd

Part # SMAJ
Description  SMAJ Transient Voltage Suppressor Diode Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YINT [Shanghai Yint Electronic Co., Ltd]
Direct Link  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

SMAJ Datasheet(HTML) 3 Page - Shanghai Yint Electronic Co., Ltd

  SMAJ Datasheet HTML 1Page - Shanghai Yint Electronic Co., Ltd SMAJ Datasheet HTML 2Page - Shanghai Yint Electronic Co., Ltd SMAJ Datasheet HTML 3Page - Shanghai Yint Electronic Co., Ltd SMAJ Datasheet HTML 4Page - Shanghai Yint Electronic Co., Ltd SMAJ Datasheet HTML 5Page - Shanghai Yint Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Automotive and High Reliability TVS Diodes
Trustworthy electronic circuit protection expert
Surface Mount – 400W > SMAJ Series
www.yint.com.cn
Rev:19.3
3
Notes: For bidirectional devices with a VR of 10 volts or less, the IR limit is double.
I-V Curve Characteristics
Part
Number
(Bi)
Part
Number
(Uni)
MARKING
Reverse
Stand off
Voltage VR
(Volts)
Breakdown
Voltage VBR
(Volts)@IT
Test
Curren
t
IT(mA)
Maximum
Reverse
Leakage
IR@ VR(μA)
Maximum
Peak Pulse
Current
Ipp(A)
Maximum
Clamping
Voltage VC
@I pp(V)
BI
UNI
Min .V
Max .V
SMAJ90CA
SMAJ90A
ZX
RX
90.0
100.0
111.0
1
1
2.7
146.0
SMAJ100CA
SMAJ100A
ZZ
RZ
100.0
111.0
123.0
1
1
2.5
162.0
SMAJ110CA
SMAJ110A
VE
SE
110.0
122.0
135.0
1
1
2.3
177.0
SMAJ120CA
SMAJ120A
VG
SG
120.0
133.0
147.0
1
1
2.1
193.0
SMAJ130CA
SMAJ130A
VK
SK
130.0
144.0
159.0
1
1
1.9
209.0
SMAJ150CA
SMAJ150A
VM
SM
150.0
167.0
185.0
1
1
1.6
243.0
SMAJ160CA
SMAJ160A
VP
SP
160.0
178.0
197.0
1
1
1.5
259.0
SMAJ170CA
SMAJ170A
VR
SR
170.0
189.0
209.0
1
1
1.5
275.0
SMAJ180CA
SMAJ180A
VT
ST
180.0
201.0
222.0
1
1
1.4
292.0
SMAJ190CA
SMAJ190A
YU
SU
190.0
211.0
233.0
1
1
1.3
308.0
SMAJ200CA
SMAJ200A
VV
SV
200.0
224.0
247.0
1
1
1.2
324.0
SMAJ210CA
SMAJ210A
YW
SW
210.0
237.0
263.0
1
1
1.2
340.0
SMAJ220CA
SMAJ220A
VX
GE
220.0
246.0
272.0
1
1
1.1
356.0
SMAJ250CA
SMAJ250A
VZ
SZ
250.0
279.0
309.0
1
1
1.0
405.0
SMAJ300CA
SMAJ300A
UE
TE
300.0
335.0
371.0
1
1
0.8
486.0
SMAJ350CA
SMAJ350A
UG
TG
350.0
391.0
432.0
1
1
0.7
567.0
SMAJ400CA
SMAJ400A
UK
TK
400.0
447.0
494.0
1
1
0.6
648.0
SMAJ440CA
SMAJ440A
UM
TM
440.0
492.0
543.0
1
1
0.6
713.0
Symbol
Parameter
IPP
Maximum Reverse Peak Pulse
Current
VC
Clamping Voltage @ IPP
V RWM
Working Peak Reverse Voltage
I R
Maximum Reverse Leakage
Current @V RWM
V BR
Breakdown Voltage @ IT
IT
Test Current
Uni-directional
Bi-directional



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com