Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMAF Datasheet(PDF) 1 Page - Shanghai Yint Electronic Co., Ltd

Part # SMAF
Description  SMAF Transient Voltage Suppressor Diode Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YINT [Shanghai Yint Electronic Co., Ltd]
Direct Link  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

SMAF Datasheet(HTML) 1 Page - Shanghai Yint Electronic Co., Ltd

  SMAF Datasheet HTML 1Page - Shanghai Yint Electronic Co., Ltd SMAF Datasheet HTML 2Page - Shanghai Yint Electronic Co., Ltd SMAF Datasheet HTML 3Page - Shanghai Yint Electronic Co., Ltd SMAF Datasheet HTML 4Page - Shanghai Yint Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Transient Voltage Suppression Diodes
Trustworthy electronic circuit protection expert
SMAF Series
www.yint.com.cn
Rev:19.3
1
SMAF Transient Voltage Suppressor Diode Series
General Information
The SMAF series is designed specifically to protect sensitive electronic
equipment from voltage transients induced by lightning and other transient voltage
events. They have excellent clamping capability, high surge capability, low zener
impedance and fast response time. The SMAF series is supplied in YINT
Semiconductor’s exclusive, cost-effective, highly reliable and is ideally suited for use
in communication systems, automotive, numerical controls , process controls,
medical equipment, business machines, power supplies and many other
industrial/consumer Applications.
Features
Case: SOD-123FL
Low profile maximum height of 1.1mm.
For surface mounted applications in order to optimize board space.
Polarity: Color band denoted positive end (cathode) except Bidirectional.
Typical failure mode is short from over-specified voltage or current
Fast response time: typically less than 1.0ps from 0 Volts to VB min.
High Temperature soldering:260°C/40 seconds at terminals.
Typical Applications
Use in sensitive electronics protection
against voltage transients induced by
inductive load switching and lighting on
ICs, MOSFET, signal lines of sensor
units for consumer, computer, industrial,
automotive, and telecommunication.
Electrical Characteristics (@ TA = 25°C Unless Otherwise Noted)
Parameter
Symbol
Value
Unit
Minimum Peak Pulse Power Dissipation (T = 1 ms) (note 1)
PPK
400
Watts
Thermal Resistance Junction- to- Ambient
RTHJ-A
220
°C/W
Thermal Resistance Junction- to- Lead
RTHJ-L
100
°C/W
Operating Temperature Range
TJ
-55 to +150
°C
Storage Temperature Range
TSTG
-55 to +150
°C
Notes:
1. Non-repetitive current pulse, per Fig. 4 and derated above TA=25℃ per Fig. 3.
Molded plastic
glass passivated junction.


Similar Part No. - SMAF

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
SMAF10 JUXING-SMAF10 Datasheet
1Mb / 5P
Surface mount transient voltage suppressor power 200 watts
SMAF10 JUXING-SMAF10 Datasheet
1Mb / 5P
Surface mount transient voltage suppressor power 200 watts
logo
Shanghai Shunye Electro...
SMAF10 SHUNYE-SMAF10 Datasheet
1Mb / 7P
Surface mount transient voltage suppressor power 400 watts
V2.22
logo
Guangdong Juxing Electr...
SMAF100 JUXING-SMAF100 Datasheet
1Mb / 5P
Surface mount transient voltage suppressor power 200 watts
SMAF100 JUXING-SMAF100 Datasheet
1Mb / 5P
Surface mount transient voltage suppressor power 200 watts
More results

Similar Description - SMAF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CD214C BOURNS-CD214C_08 Datasheet
224Kb / 5P
Transient Voltage Suppressor Diode Series
CD214B BOURNS-CD214B_08 Datasheet
231Kb / 5P
Transient Voltage Suppressor Diode Series
SMCJ50CA BOURNS-SMCJ50CA_13 Datasheet
352Kb / 5P
Transient Voltage Suppressor Diode Series
CD214C BOURNS-CD214C_10 Datasheet
148Kb / 5P
Transient Voltage Suppressor Diode Series
SMAJ5.0CA-H BOURNS-SMAJ5.0CA-H Datasheet
282Kb / 5P
Transient Voltage Suppressor Diode Series
P6SMB6.8CA-H BOURNS-P6SMB6.8CA-H Datasheet
329Kb / 5P
Transient Voltage Suppressor Diode Series
P6SMB BOURNS-P6SMB Datasheet
329Kb / 5P
Transient Voltage Suppressor Diode Series
SMAJ BOURNS-SMAJ Datasheet
282Kb / 5P
Transient Voltage Suppressor Diode Series
SMBJ BOURNS-SMBJ Datasheet
282Kb / 5P
Transient Voltage Suppressor Diode Series
SMAJ-Q BOURNS-SMAJ-Q Datasheet
350Kb / 5P
Transient Voltage Suppressor Diode Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com