Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7S201LT Datasheet(PDF) 3 Page - Shanghai Yint Electronic Co., Ltd

Part # 7S201LT
Description  High-Energy Varistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YINT [Shanghai Yint Electronic Co., Ltd]
Direct Link  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

7S201LT Datasheet(HTML) 3 Page - Shanghai Yint Electronic Co., Ltd

  7S201LT Datasheet HTML 1Page - Shanghai Yint Electronic Co., Ltd 7S201LT Datasheet HTML 2Page - Shanghai Yint Electronic Co., Ltd 7S201LT Datasheet HTML 3Page - Shanghai Yint Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
High-Energy Varistors
Trustworthy electronic circuit protection
expert
53Dseries
www.yint.com.cn
Rev:19.3
3
53D 系列 电气参数 53D Series Electrical Parameters
型号规格
Part
NO
压敏电压
Varistor Voltage
最大允许使用电
压
Maximum allowable
voltage
最大限制电压
Maximum Limited
Voltage
通流容量
Withstanding Surge
current(8/20μs)times
静态功率
Rated Wattage
能量耐量 Energy
(
2ms)
0.1mA
AC
DC
Ipp200A
1t
2t
(
W)
μ
S
J
(V)
(V)
(V)
(A)
53D201K
200
185-225
130
170
340
70
30
1.6
10/1000
330
53D221K
220
198-242
140
180
360
70
30
1.6
10/1000
355
53D241K
240
216-264
150
200
395
70
30
1.6
10/1000
380
53D271K
270
243-297
175
225
455
70
30
1.6
10/1000
430
53D301K
300
270-330
190
250
500
70
30
1.6
10/1000
455
53D331K
330
297-363
210
275
550
70
30
1.6
10/1000
480
53D361K
360
324-396
230
300
595
70
30
1.6
10/1000
510
53D391K
390
351-429
250
320
650
70
30
1.6
10/1000
550
53D431K
430
387-473
275
350
710
70
30
1.6
10/1000
635
53D471K
470
423-517
300
385
775
70
30
1.6
10/1000
640
53D511K
510
459-561
320
415
845
70
30
1.6
10/1000
640
53D561K
560
504-616
350
460
925
70
30
1.6
10/1000
645
53D621K
620
558-682
385
505
1025
70
30
1.6
10/1000
655
53D681K
680
612-748
420
560
1120
70
30
1.6
10/1000
710
53D751K
750
675-825
460
615
1240
70
30
1.6
10/1000
790
53D781K
780
702-858
485
640
1290
70
30
1.6
10/1000
820
53D821K
820
738-902
510
670
1355
70
30
1.6
10/1000
860
53D911K
910
819-1001
550
745
1500
70
30
1.6
10/1000
950
53D102K
1000
900-1100
625
825
1650
70
30
1.6
10/1000
990
53D122K
1200
1080-1320
750
980
1980
70
30
1.6
10/1000
1015
53D152K
1500
1350-1650
900
1220
2475
70
30
1.6
10/1000
1140
53D182K
1800
1620-1980
1000
1465
2970
70
30
1.6
10/1000
1370
注:压敏电压测试电流
DC1Ma 工作环境温度:-45℃~ +85℃ 加强型温度:-45℃~ +125℃压敏电压温度变化率:<0.05/℃
Note: Voltage-sensitive voltage test current DC1Ma working environment temperature: - 45 ~85, intensified temperature: - 45 +125, temperature change rate of
voltage-sensitive voltage: < 0.05/.
Disclaimer
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device
performance may vary over time.
Users should verify actual device performance in their specific applications.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com