Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3502 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3502
Description  Step-Up Converter for White LED Applications
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3502 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM3502 Datasheet HTML 9Page - National Semiconductor (TI) LM3502 Datasheet HTML 10Page - National Semiconductor (TI) LM3502 Datasheet HTML 11Page - National Semiconductor (TI) LM3502 Datasheet HTML 12Page - National Semiconductor (TI) LM3502 Datasheet HTML 13Page - National Semiconductor (TI) LM3502 Datasheet HTML 14Page - National Semiconductor (TI) LM3502 Datasheet HTML 15Page - National Semiconductor (TI) LM3502 Datasheet HTML 16Page - National Semiconductor (TI) LM3502 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Application Information
WHITE LED CURRENT SETTING
The LED current is set using the following equation:
20131730
I
LED: White LED Current.
V
Fb:
Feedback Pin Voltage. V
Fb = 0.25V, Typical.
R1:
Currrent Setting Resistor.
WHITE LED DIMMING
For dimming the white LED string with a pulse-width-
modulated (PWM) signal on the Cntrl pin, care must taken to
balance the tradeoffs between audible noise and white LED
brightness control. For best PWM duty cycle vs. white LED
current linearity, the PWM frequency should be between
200Hz and 500Hz. Other PWM frequencies can be used, but
the linearity over input voltage and duty cycle variation will
not be as good as what the 200Hz to 500Hz PWM frequency
spectrum provides. To minimize audible noise interference, it
is recommended that a output capacitor with minimal sus-
ceptibility to piezoelectric induced stresses be used for the
particular applications that require minimal or no audible
noise interference.
If V
OUT2 is not used , En2 must be grounded
20131735
FIGURE 5.
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com