Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMM372C803CS Datasheet(PDF) 4 Page - Samsung semiconductor

Part # KMM372C803CS
Description  8M x 72 DRAM DIMM with ECC using 8Mx8, 4K 8K Refresh, 5V
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KMM372C803CS Datasheet(HTML) 4 Page - Samsung semiconductor

  KMM372C803CS Datasheet HTML 1Page - Samsung semiconductor KMM372C803CS Datasheet HTML 2Page - Samsung semiconductor KMM372C803CS Datasheet HTML 3Page - Samsung semiconductor KMM372C803CS Datasheet HTML 4Page - Samsung semiconductor KMM372C803CS Datasheet HTML 5Page - Samsung semiconductor KMM372C803CS Datasheet HTML 6Page - Samsung semiconductor KMM372C803CS Datasheet HTML 7Page - Samsung semiconductor KMM372C803CS Datasheet HTML 8Page - Samsung semiconductor KMM372C803CS Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
DRAM MODULE
KMM372C80(8)3CK/CS
FUNCTIONAL BLOCK DIAGRAM
Vcc
Vss
0.1 or 0.22uF Capacitor
under each DRAM
To all DRAMs
RAS0
W0
OE0
A0
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
U0
CAS0
A1-A11(A12)
RAS2
W2
OE2
B0
CAS4
A1-A11(A12)
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
NOTE : A12 is used for only KMM372C880CK/CS(8K Ref.)
A0
B0
A1-A11(A12)
W0, OE0
W2, OE2
U0-U4
U5-U8
U0-U8
U0-U4
U5-U8
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
U1
DQ8
DQ9
DQ10
DQ11
DQ12
DQ13
DQ14
DQ15
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
U2
DQ16
DQ17
DQ18
DQ19
DQ20
DQ21
DQ22
DQ23
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
U3
DQ24
DQ25
DQ26
DQ27
DQ28
DQ29
DQ30
DQ31
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
U4
DQ32
DQ33
DQ34
DQ35
DQ36
DQ37
DQ38
DQ39
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
U5
DQ40
DQ41
DQ42
DQ43
DQ44
DQ45
DQ46
DQ47
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
U6
DQ48
DQ49
DQ50
DQ51
DQ52
DQ53
DQ54
DQ55
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
DQ56
DQ57
DQ58
DQ59
DQ60
DQ61
DQ62
DQ63
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
U8
DQ64
DQ65
DQ66
DQ67
DQ68
DQ69
DQ70
DQ71
U7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com