Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSTS08 Datasheet(PDF) 1 Page - Beijing Yaohuadechang Electronic Co., Ltd.

Part # HSTS08
Description  Hall split core current sensor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YHDC [Beijing Yaohuadechang Electronic Co., Ltd.]
Direct Link  http://www.yhdc.com
Logo YHDC - Beijing Yaohuadechang Electronic Co., Ltd.

HSTS08 Datasheet(HTML) 1 Page - Beijing Yaohuadechang Electronic Co., Ltd.

  HSTS08 Datasheet HTML 1Page - Beijing Yaohuadechang Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Hall split core current sensor
Model:HSTS08
Open loop split core type,hanging installation,
cable output Detect DC,AC and pulse current
Technical index:
Flame resistance:UL94-V0
Operating temperature:-10~+70℃
Storage temperature:-25~+85℃
Bandwidth:DC
Dielectric strength:2.5KV 50Hz 1min
Electric parameters:
Dimensions( in mm):
www.poweruc.com
Schematic diagram:
Connector schematic diagram:
Cold-press terminal plug /socket,Distance 2.5,Stitch size 0.5×0.5
Front view
Side view
Top view
Rated input
Input measured range
Accuracy
Linearity
Supply voltage(±5%)
Current consumption
Response time
Band width
Weight
I
P
I
PM
X
ε
L
V
C
I
C
T
R
Ts
N.W
±10
±20
±20
±20
2.5V±0.625V 2.5V±1V
1
<1
+5
<30
≥10K
≤±15
<1
DC
20
A
A
%
%
V
mA
Ω
mV
μs
g
Vout
Rated output
R
L
Load impedance
Zero offset(TA=25℃)
I
OE
28.75±0.5
φ8.5
12.5±0.5
5
1 2 3 4
2.5
7.5
10.7
12.7
5.7
4
2.35
5.7
2.5
0.64
7.5
12.5
5.7
4
2.35
5.7
2.5
0.64
7.5
12.5
Pin definition:
1:+5V
2:0V
3:Vout
4:Vref(suspensibility)
1 2 3 4
Power
DCS
PLC
Vref
0V


Similar Part No. - HSTS08

ManufacturerPart #DatasheetDescription
logo
Beijing Yaohuadechang E...
HSTS08L YHDC-HSTS08L Datasheet
1Mb / 1P
Hall split core current sensor
More results

Similar Description - HSTS08

ManufacturerPart #DatasheetDescription
logo
Beijing Yaohuadechang E...
HST21-50A YHDC-HST21-50A Datasheet
6Mb / 1P
Hall split core current sensor
HST21-200A YHDC-HST21-200A Datasheet
6Mb / 1P
Hall split core current sensor
HST21-300A YHDC-HST21-300A Datasheet
6Mb / 1P
Hall split core current sensor
HST21-400A YHDC-HST21-400A Datasheet
6Mb / 1P
Hall split core current sensor
HST30-300A YHDC-HST30-300A Datasheet
4Mb / 1P
Hall split core current sensor
HSTS016L-100A YHDC-HSTS016L-100A Datasheet
940Kb / 1P
Hall split core current sensor
HSTS016L-200A YHDC-HSTS016L-200A Datasheet
940Kb / 1P
Hall split core current sensor
HSTS21-600A YHDC-HSTS21-600A Datasheet
6Mb / 1P
Hall split core current sensor
HST8422 YHDC-HST8422 Datasheet
4Mb / 1P
Hall split core current sensor
HSTS30 YHDC-HSTS30 Datasheet
4Mb / 1P
Hall split core current sensor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com