Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGS Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # SGS
Description  Safety Grid System
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

SGS Datasheet(HTML) 1 Page - Banner Engineering Corp.

  SGS Datasheet HTML 1Page - Banner Engineering Corp. SGS Datasheet HTML 2Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Important Information
The SGS Safety Grid System instruction manual with installation instructions, application requirements and guidelines, EC Declaration of
Conformity, and technical specifications can be found on the accompanying MiniDVD or downloaded at www.bannerengineering.com
by searching for one of the following part numbers:
• Emitter/Receiver: 202015
• Emitter/Receiver with Integral Muting: 203065
• Active/Passive: 203063
• Active/Passive with Integral Muting: 203064
The accompanying MiniDVD contains important warnings and safety instructions that must be observed prior to the installation and
operation of the device. If the MiniDVD cannot be used, download the full Instruction Manual and Checkout Cards (listed in the
manual), including warnings and safety instructions, from www.bannerengineering.com. To order a printed copy or if there are any
questions regarding the application or use of the device, contact Banner Engineering at (763) 544-3164 or at 1-888-3-SENSOR in the
United States.
Table 1: SGS Safety Grid System Emitter/Receiver Models
Model
Beams
Beam Spacing (mm)
Protected Height
(mm)
Response Time (ms) (with
no scan code)
Response Time (ms) (with
scan code)
Operating
Range (m)
SGSSP2-500Q88
2
500
500
12
19
0.5 to 30
SGSSP3-400Q88
3
400
800
13
22
SGSSP4-300Q88
4
300
900
14
25
SGSSP4-400Q88
4
400
1200
14
25
SGSXP2-500Q88
2
500
500
12
19
6 to 60
SGSXP3-400Q88
3
400
800
13
22
SGSXP4-300Q88
4
300
900
14
25
SGSXP4-400Q88
4
400
1200
14
25
Table 2: SGS Safety Grid System Emitter/Receiver with Integral Muting Models
Model
Beams
Beam Spacing (mm)
Protected Height
(mm)
Response Time (ms) (with
no scan code)
Response Time (ms) (with
scan code)
Operating
Range (m)
SGSMP2-500Q128
2
500
500
12
19
0.5 to 30
SGSMP3-400Q128
3
400
800
13
22
SGSMP4-300Q128
4
300
900
14
25
SGSMP4-400Q128
4
400
1200
14
25
Table 3: SGS Safety Grid System Active/Passive Models
Model
Type of Unit
Equivalent Beams
Beam Spacing
Protected Height (mm)
Response time
(ms)
Range (m)
SGSSA2-500Q8
Active Transceiver
2
500
500
11
0.5 to 8
SGSSA3-400Q8
3
380
800
12
0.5 to 8
SGSSA4-300Q8
4
300
900
12
0.5 to 6.5
SGSSA4-400Q8
4
400
1200
12
0.5 to 8
SGSB2-500
Mirror Assembly
-
500
-
-
-
SGSB3-400
380
SGSB4-300
300
SGSB4-400
400
SGS Safety Grid System
Original Document
203637 Rev. A
31 October 2017
203637


Similar Part No. - SGS

ManufacturerPart #DatasheetDescription
logo
Surge Components
SGS SURGE-SGS Datasheet
364Kb / 2P
Standard, Long life down size and high ripple current
logo
TT Electronics.
SGS-15 TTELEC-SGS-15 Datasheet
315Kb / 1P
AC/DC ENCLOSED POWER SUPPLY 15W
08/06/2020
SGS-25 TTELEC-SGS-25 Datasheet
269Kb / 1P
AC/DC ENCLOSED POWER SUPPLY 25W
08/06/2020
logo
SYNERGY MICROWAVE CORPO...
SGS-5-10 SYNERGY-SGS-5-10 Datasheet
327Kb / 6P
DOUBLE-BALANCED MICROWAVE MIXER SURFACE WIDE BANDWIDTH - GALAXY SERIES 3 - 19 GHz
SGS-5-13 SYNERGY-SGS-5-13 Datasheet
335Kb / 6P
DOUBLE-BALANCED MICROWAVE MIXER SURFACE WIDE BANDWIDTH - GALAXY SERIES 3 - 19 GHz
More results

Similar Description - SGS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9212A INTERSIL-ISL9212A Datasheet
489Kb / 11P
Charging System Safety Circuit
November 14, 2006
ISL9212B INTERSIL-ISL9212B Datasheet
534Kb / 11P
Charging System Safety Circuit
March 21, 2007
ISL9209B INTERSIL-ISL9209B Datasheet
599Kb / 11P
Charging System Safety Circuit
March 21, 2007
logo
Allen-Bradley
2031-A0023A ALLEN-BRADLEY-2031-A0023A Datasheet
254Kb / 20P
Safety Isolation System
logo
Intersil Corporation
ISL9211A INTERSIL-ISL9211A Datasheet
202Kb / 12P
Charging System Safety Circuit
August 25, 2010
ISL9212 INTERSIL-ISL9212 Datasheet
535Kb / 11P
Charging System Safety Circuit
ISL9209BIRZ INTERSIL-ISL9209BIRZ Datasheet
602Kb / 11P
Charging System Safety Circuit
March 21, 2007
ISL9211BIRU58XZ-T INTERSIL-ISL9211BIRU58XZ-T Datasheet
380Kb / 12P
Charging System Safety Circuit
November 4, 2014
logo
Silicon Laboratories
SI8285 SILABS-SI8285 Datasheet
845Kb / 32P
System Safety Features
logo
Renesas Technology Corp
ISL9212B RENESAS-ISL9212B Datasheet
877Kb / 11P
Charging System Safety Circuit
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com