Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC17517DR2 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MPC17517DR2
Description  1.0 A 6.8 V Dual Motor Driver IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC17517DR2 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MPC17517DR2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC17517DR2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC17517DR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC17517DR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC17517DR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC17517DR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC17517DR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC17517DR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC17517DR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
17517
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
4
MAXIMUM RATINGS
All voltages are with respect to ground unless otherwise noted. Exceeding the ratings may cause a malfunction or permanent
damage to the device.
Rating
Symbol
Value
Unit
Motor Supply Voltage
VM
-0.5 to 8.0
V
Charge Pump Output Voltage
VC
RES
-0.5 to 14
V
Logic Supply Voltage
VDD
-0.5 to 7.0
V
Signal Input Voltage
VIN
-0.5 to VDD+0.5
V
Driver Output Current
Continuous
Peak (Note 1)
IO
IOPK
1.0
3.0
A
ESD Voltage
Human Body Model (Note 2)
Machine Model (Note 3)
VESD1
VESD2
±2000
±100
V
Storage Temperature Range
TSTG
-65 to 150
°C
Operating Junction Temperature
TJ
-20 to 150
°C
Operating Ambient Temperature
TA
-20 to 65
°C
Thermal Resistance (Note 4)
RθJA
190
°C/W
Power Dissipation (Note 5)
PD
657
mW
Soldering Temperature (Note 6)
TSOLDER
245
°C
Notes
1.
TA = 25°C, 10 ms pulse width at 200 ms intervals.
2.
ESD1 testing is performed in accordance with the Human Body Model (CZAP = 100 pF, RZAP = 1500 Ω).
3.
ESD2 testing is performed in accordance with the Machine Model (CZAP = 200 pF, RZAP = 0 Ω).
4.
37 mm x 50 mm Cu area (1.6 mm FR-4 PCB).
5.
Maximum at TA = 25°C.
6.
Soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may cause
malfunction or permanent damage to the device.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com