Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN8 Datasheet(PDF) 2 Page - ZF Friedrichshafen AG

Part # AN8
Description  Programmable, non-contact magnetic position sensors capable of continuous rotation
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZFSWITCHES [ZF Friedrichshafen AG]
Direct Link  https://switches-sensors.zf.com/
Logo ZFSWITCHES - ZF Friedrichshafen AG

AN8 Datasheet(HTML) 2 Page - ZF Friedrichshafen AG

  AN8 Datasheet HTML 1Page - ZF Friedrichshafen AG AN8 Datasheet HTML 2Page - ZF Friedrichshafen AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.cherryswitches.com
Page 2 of 2, last update 2014-10-29, Specifications subject to change without notice.
*Not commonly stocked
Sensor Output
Products
Part Number
(Sensor)
Sensor (incl.
AS500106 magnet)
Sensing
Range
Wires
Connectors
Terminals
AN820001
CU103601
180°
N/A
Packard Metri-pack
1214075 / 2047680
AN820002
CU103602
360°
N/A
Packard Metri-pack
1214075 / 2047680
AN820003*
CU103603
45°
N/A
Packard Metri-pack
1214075 / 2047680
AN820031
--------
180°
18 AWG x 305 mm (12")
N/A
N/A
AN820032
--------
360°
18 AWG x 305 mm (12")
N/A
N/A
AN820033*
--------
45°
18 AWG x 305 mm (12")
N/A
N/A
These charts show the output voltage as a percentage of
the input voltage for a given angle of rotation.
Example: 180
⁰ sensing range, magnet rotated 135⁰, output
voltage will be 70% of input voltage (see dashed lines in
graph above).
Dimensions mm (inches)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com