Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN9 Datasheet(PDF) 2 Page - ZF Friedrichshafen AG

Part # AN9
Description  Thin, programmable, non-contact magnetic position sensors capable of continuous rotation with dual outputs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZFSWITCHES [ZF Friedrichshafen AG]
Direct Link  https://switches-sensors.zf.com/
Logo ZFSWITCHES - ZF Friedrichshafen AG

AN9 Datasheet(HTML) 2 Page - ZF Friedrichshafen AG

  AN9 Datasheet HTML 1Page - ZF Friedrichshafen AG AN9 Datasheet HTML 2Page - ZF Friedrichshafen AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.switches-sensors.zf.com
Page 2 of 2, last update 2017-01-05, Specifications subject to change without notice.
#NP#_ TY9vb4IwEM a/CumrLZ PZFlDwHZ 2dY Q7E P5vD NCGV 4mxGqKHVLDF+ 95Xt zS655 O65 3+XuuYKqApMr 6A6JABOAI ILgNr Bi3 7HhlJv6 DvmhF+ARRgGE8MEmvG dDMA BC9 pvcgt8 2rLDv 61RWndLqYJyt6kS PJVMrkyLYZ XHw Qe cLCItiNQtf3ndpE WbYIoe TJYoJY1 /ae L49 wJhshbxI ceY NY+StTGg 5a9SeN+Wa N7 Uuk1a ctelkL6jmb KRqNWN5v nJeN5kTr4ijj7yr GbM OuD7 WtbHj dd1 q1 dmCtp+ N1M d/0zLOopJmj0JVvZPT3 9PPGU7jfI bHI zyaL3 O4 2KKlV+B0E1rG /CI heYr INCKuhyh2fRqN3Z hQ6BLohcj HEbYJ brcf_# NP#
Sensor Output
Dimensions mm (inches)
Part Number (Sensor)
AN920031
180°
18 AWG x 305 mm (12")
AN920032
360°
18 AWG x 305 mm (12")
AN920035
45°
18 AWG x 305 mm (12")
AN920036
90°
18 AWG x 305 mm (12")



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com