Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS500106 Datasheet(PDF) 1 Page - ZF Friedrichshafen AG

Part # AS500106
Description  Magnet carrier for use with Angle Position Sensors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZFSWITCHES [ZF Friedrichshafen AG]
Direct Link  https://switches-sensors.zf.com/
Logo ZFSWITCHES - ZF Friedrichshafen AG

AS500106 Datasheet(HTML) 1 Page - ZF Friedrichshafen AG

  AS500106 Datasheet HTML 1Page - ZF Friedrichshafen AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.cherryswitches.com
Page 1 of 1, last update 2014-10-29, Specifications subject to change without notice.
Angle Position Sensors
AS500106
Magnet carrier for use with Angle Position Sensors
Features
PPS housing
Samarium Cobalt 28 magnet
RoHS compliant
Environmental Specifications
Vibration
15g sinusoidal, 9.26g RMS axial; 40 Hz – 2 kHz all 3 axes
Operation Temperature
-40 °C to 125 °C (-40 °F to 257 °F)
Storage Temperature
-40 °C to 150 °C (-40 °F to 302 °F)
Salt Spray
SAEJ1455, Section 4.3.3
Immersion
Tested per SAE J 1455, Section 4.4.1: Engine oil and additives,
Transmission oils, Water, Power steering fluid, Brake fluids, Washer
solvent, Gasoline, Diesel fuel, Alcohol, Antifreeze water mixture, Battery
acid, Salt water, Kerosene, Ammonia
Mechanical Specifications
Recommended Fastener
M4 Cap Screw
Recommended Torque
3 Nm (26.5 in lbs)
Dimensions mm (inches)
Products
Part Number
Description
Sensing Range
AS500106
Magnet only
N/A
CU103601
Kit with AN820001 sensor
180°
CU103602
Kit with AN820002 sensor
360°
CU103603
Kit with AN820003 sensor
45°


Similar Part No. - AS500106

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5000 AMSCO-AS5000 Datasheet
130Kb / 4P
Axial Magnet 4x2x1mm
AS5000-MA075H-1 AMSCO-AS5000-MA075H-1 Datasheet
189Kb / 4P
Magnet Specification
AS5000-MA4H-1-V1.1 AMSCO-AS5000-MA4H-1-V1.1 Datasheet
121Kb / 1P
NdFeB sintered magnet,
AS5000-MA4X2H-1 AMSCO-AS5000-MA4X2H-1 Datasheet
119Kb / 4P
Magnet Specification
AS5000-MA6H-1 AMSCO-AS5000-MA6H-1 Datasheet
73Kb / 1P
Magnetic Rotary Encoder Family
More results

Similar Description - AS500106

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BNS250 ETC2-BNS250 Datasheet
55Kb / 2P
Coded-Magnet Sensors
logo
SICK AG
MPA-719THTP0 SICK-MPA-719THTP0 Datasheet
2Mb / 7P
POSITION SENSORS
2017-05-04
MPA-143THTP0 SICK-MPA-143THTP0 Datasheet
2Mb / 7P
POSITION SENSORS
2017-05-04
MPA-251THTP0 SICK-MPA-251THTP0 Datasheet
2Mb / 7P
POSITION SENSORS
2017-05-04
MPA-395THTP0 SICK-MPA-395THTP0 Datasheet
2Mb / 7P
POSITION SENSORS
2017-05-04
MPA-539THTP0 SICK-MPA-539THTP0 Datasheet
2Mb / 7P
POSITION SENSORS
2017-05-04
MPA-863THTP0 SICK-MPA-863THTP0 Datasheet
2Mb / 7P
POSITION SENSORS
2017-05-04
MPA-899THTP0 SICK-MPA-899THTP0 Datasheet
2Mb / 7P
POSITION SENSORS
2017-05-04
MPA-575THTP0B01 SICK-MPA-575THTP0B01 Datasheet
2Mb / 7P
POSITION SENSORS
2017-05-04
logo
M-System Co.,Ltd.
NRA MSYSTEM-NRA Datasheet
93Kb / 2P
Position Sensors BRUSHLESS ANGLE SENSOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com