Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS101003 Datasheet(PDF) 1 Page - ZF Friedrichshafen AG

Part # AS101003
Description  Actuator Magnet in Threaded Aluminum Housing
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZFSWITCHES [ZF Friedrichshafen AG]
Direct Link  https://switches-sensors.zf.com/
Logo ZFSWITCHES - ZF Friedrichshafen AG

AS101003 Datasheet(HTML) 1 Page - ZF Friedrichshafen AG

  AS101003 Datasheet HTML 1Page - ZF Friedrichshafen AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.cherryswitches.com
Page 1 of 1, Last saved by 2014-10-21, Specifications subject to change without notice.
Actuator Magnets
AS1010 Magnets
Actuator Magnet in Threaded Aluminum Housing
Features
Rugged aluminum housing
Adjustable threaded mounting stud
RoHS compliant
Typical air gap of 1.5 mm
Environmental Specifications
Operating Temperature
-40
⁰C to 150 ⁰C (-40 ⁰F to 302 ⁰F)
Storage Temperature
-40
⁰C to 150 ⁰C (-40 ⁰F to 302 ⁰F)
Dimensions mm (inches)
Products
Part Number
Magnet Material
Active Sensing Face
AS101001
Alnico
South
AS101002
Alnico
North
AS101003
Samarium Cobalt
South


Similar Part No. - AS101003

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AS100 ETC-AS100 Datasheet
442Kb / 4P
HOL-SEALERS Hole Seals
logo
Pentair Equipment Prote...
AS100 HOFFMANPRODUCTS-AS100 Datasheet
611Kb / 4P
HOL-SEALERS™ Hole Seals
logo
Projects Unlimited, Inc...
AS10004PS-R PUI-AS10004PS-R Datasheet
344Kb / 1P
Speaker
AS10004PS-WR-R PUI-AS10004PS-WR-R Datasheet
354Kb / 1P
Speaker
logo
Power-One
AS1001-7R POWER-ONE-AS1001-7R Datasheet
147Kb / 4P
100 Watt DC-DC Converters
More results

Similar Description - AS101003

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
KTY19- SIEMENS-KTY19- Datasheet
56Kb / 2P
Silicon Spreading Resistance Temperature Sensor in Robust Threaded Metal Housing
logo
PIC GmbH
PIC-MSM-225 PIC-PIC-MSM-225 Datasheet
20Kb / 1P
Threaded Magnet M5
PIC-MSM-228 PIC-PIC-MSM-228 Datasheet
33Kb / 1P
Threaded Magnet M8
MSM-225 PIC-MSM-225 Datasheet
69Kb / 1P
Threaded Magnet M5
MSM-226M PIC-MSM-226M Datasheet
60Kb / 1P
Threaded Magnet M6
MSM-228 PIC-MSM-228 Datasheet
59Kb / 1P
Threaded Magnet M8
MSM-228M PIC-MSM-228M Datasheet
60Kb / 1P
Threaded Magnet M8
MSM-2210M PIC-MSM-2210M Datasheet
59Kb / 1P
Threaded Magnet M10
MSM-2212M PIC-MSM-2212M Datasheet
59Kb / 1P
Threaded Magnet M12
logo
ZF Friedrichshafen AG
MP2007 ZFSWITCHES-MP2007 Datasheet
254Kb / 2P
Reed based magnetic proximity sensor in aluminum threaded housing
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com