Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN1306 Datasheet(PDF) 2 Page - Supertex, Inc

Part # VN1306
Description  N-Channel Enhancement-Mode Vertical DMOS FETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

VN1306 Datasheet(HTML) 2 Page - Supertex, Inc

  VN1306 Datasheet HTML 1Page - Supertex, Inc VN1306 Datasheet HTML 2Page - Supertex, Inc VN1306 Datasheet HTML 3Page - Supertex, Inc VN1306 Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
7-192
90%
10%
90%
90%
10%
10%
PULSE
GENERATOR
V
DD
R
L
OUTPUT
D.U.T.
t
(ON)
t
d(ON)
t
(OFF)
t
d(OFF)
t
F
t
r
INPUT
INPUT
OUTPUT
10V
V
DD
R
gen
0V
0V
Package
I
D (continuous)*
I
D (pulsed)
Power Dissipation
θ
jc
θ
ja
I
DR*IDRM
@ T
C = 25°C
°C/W
°C/W
TO-39
0.4A
1.4A
3.0W
41
125
0.4A
1.4A
TO-92
0.25A
1.3A
1.0W
125
170
0.25A
1.3A
* I
D (continuous) is limited by max rated Tj.
Thermal Characteristics
Electrical Characteristics (@ 25
°C unless otherwise specified)
Symbol
Parameter
Min
Typ
Max
Unit
Conditions
BVDSS
VN1310
100
VN1306
60
V
VGS = 0V, ID = 1mA
VN1304
40
VGS(th)
Gate Threshold Voltage
0.8
2.4
V
VGS = VDS, ID = 1mA
∆V
GS(th)
Change in VGS(th) with Temperature
-3.9
-5.0
mV/
°CV
GS = VDS, ID = 1mA
IGSS
Gate Body Leakage
100
nA
VGS = ±20V, VDS = 0V
IDSS
Zero Gate Voltage Drain Current
1
µAV
GS = 0V, VDS = Max Rating
100
µAV
GS = 0V, VDS = 0.8 Max Rating
TA = 125°C
ID(ON)
ON-State Drain Current
0.25
0.6
VGS = 5V, VDS = 25V
0.50
1.4
VGS = 10V, VDS = 25V
RDS(ON)
5.0
15
VGS = 5V, ID = 50mA
5.0
8.0
VGS = 10V, ID = 500mA
∆R
DS(ON)
Change in RDS(ON) with Temperature
0.8
2
%/
°CV
GS = 10V, ID = 500mA
GFS
Forward Transconductance
120
m
VDS = 25V, ID = 500mA
CISS
Input Capacitance
27
35
COSS
Common Source Output Capacitance
13
15
pF
CRSS
Reverse Transfer Capacitance
3
5
td(ON)
Turn-ON Delay Time
2
5
tr
Rise Time
2
5
td(OFF)
Turn-OFF Delay Time
2
6
tf
Fall Time
2
5
VSD
Diode Forward Voltage Drop
1.0
1.3
V
VGS = 0V, ISD = 0.5A
trr
Reverse Recovery Time
350
ns
VGS = 0V, ISD = 0.5A
Notes:
1. All D.C. parameters 100% tested at 25
°C unless otherwise stated. (Pulse test: 300µs pulse, 2% duty cycle.)
2. All A.C. parameters sample tested.
Drain-to-Source
Breakdown Voltage
Ω
Static Drain-to-Source
ON-State Resistance
A
V
DD = 25V
I
D = 500mA
R
GEN = 25Ω
ns
V
GS = 0V, VDS = 25V
f = 1 MHz
Switching Waveforms and Test Circuit
VN1304/VN1306/VN1310



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com