Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUT33 Datasheet(PDF) 5 Page - ON Semiconductor

Part # BUT33
Description  56 AMPERES NPN SILICON POWER DARLINGTON TRANSISTOR 600 VOLTS 250 WATTS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BUT33 Datasheet(HTML) 5 Page - ON Semiconductor

  BUT33 Datasheet HTML 1Page - ON Semiconductor BUT33 Datasheet HTML 2Page - ON Semiconductor BUT33 Datasheet HTML 3Page - ON Semiconductor BUT33 Datasheet HTML 4Page - ON Semiconductor BUT33 Datasheet HTML 5Page - ON Semiconductor BUT33 Datasheet HTML 6Page - ON Semiconductor BUT33 Datasheet HTML 7Page - ON Semiconductor BUT33 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
BUT33
5
Motorola Bipolar Power Transistor Device Data
FREE–WHEEL DIODE CHARACTERISTICS
Figure 10. Free Wheel Diode Measurements
Figure 11. Forward Voltage
0
VEC, EMITTER COLLECTOR VOLTAGE (VOLTS)
0
1
2
3
4
5
10
0
Figure 12. Forward Modulation Voltage
IE, EMITTER CURRENT (AMPS)
10
30
0
Figure 13. Peak Reverse Recovery Current
30
25
15
10
20
5
50
IE, EMITTER CURREMT (AMPS)
20
40
0
30
50
40
10
20
20
50
40
30
0
Figure 14. Forward Recovery Time
IE, EMITTER CURRENT (AMPS)
0.8
10
20
40
50
2.0
1.6
1.4
1.2
Figure 15. Reverse Recovery Time
0
IE, EMITTER CURRENT (AMPS)
0.3
10
20
30
40
50
3
2
2.2
1.8
1.0
30
15
10
7
–
σ
+
σ
0
50
40
20
30
10
5
1
0.7
0.5
40
°C
Id
1
0
VD
DYN
10 (VDYN VFM)
VFM
TFR
I
IFM
IRM
trr
t
25 IRM
di/dt = 25 A/
µs
TC = 25°C
TC = 25°C
TC = 25°C
TC = 25°C
TC = 25°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com