Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E22 Datasheet(PDF) 3 Page - ZF Friedrichshafen AG

Part # E22
Description  High temperature versions optional
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZFSWITCHES [ZF Friedrichshafen AG]
Direct Link  https://switches-sensors.zf.com/
Logo ZFSWITCHES - ZF Friedrichshafen AG

E22 Datasheet(HTML) 3 Page - ZF Friedrichshafen AG

  E22 Datasheet HTML 1Page - ZF Friedrichshafen AG E22 Datasheet HTML 2Page - ZF Friedrichshafen AG E22 Datasheet HTML 3Page - ZF Friedrichshafen AG E22 Datasheet HTML 4Page - ZF Friedrichshafen AG E22 Datasheet HTML 5Page - ZF Friedrichshafen AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MINIATURE
E21-E36 Series
Actuators
Standard type integral hinged lever and roller actuators are
available in choice of 2 mounting positions. Actuation
lengths are dimensioned from the centerline of the switch
mounting hole as shown.
Plastic Actuator for -90N and -90NX switches
Plastic Actuator for -50N and -50NX switches
Roller Actuator
Straight Leaf Actuator
Note: Plastic levers only available on 85°C rated switches
Not recommended for new designs
Please review our D4 series
http://www.cherrycorp.com/english/switches/miniature/d4.htm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com