Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E53 Datasheet(PDF) 2 Page - ZF Friedrichshafen AG

Part # E53
Description  Long life coil spring mechanism
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZFSWITCHES [ZF Friedrichshafen AG]
Direct Link  https://switches-sensors.zf.com/
Logo ZFSWITCHES - ZF Friedrichshafen AG

E53 Datasheet(HTML) 2 Page - ZF Friedrichshafen AG

  E53 Datasheet HTML 1Page - ZF Friedrichshafen AG E53 Datasheet HTML 2Page - ZF Friedrichshafen AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
®
43
1.218
(30.94)
0.937
(23.80)
0.709
(18.01)
0.483
(12.27)
0.065
(1.65)
0.293
(7.44)
0.388
(9.85)
0.328
(8.33)
0.139
(3.53)
0.685
(17.40)
0.265
(6.73)
0.123 (3.12)
0.126 (3.20)
Dia Hole
0.123 (3.12)
0.126 (3.20)
x 0.158
(4.01) Slot
0.550
(13.97)
0.580
(14.73)
0.652 (16.56)
0.750 (19.05)
0.875
(22.23)
Max
Mtg Surface
0.140 (3.56)
0.343
(8.71)
0.218 (5.54)
COM
N.O.
N.C.
0.032
(0.81)
0.062 x 0.100 Slot
(1.58 x 2.54)
0.062 x 0.100 Slot
(1.58 x 2.54)
0.062 x 0.100 Slot
(1.58 x 2.54)
0.406 (10.31)
0.205
(5.21)
0.020
(0.51)
0.020
(0.51)
0.406 (10.31)
0.406 (10.31)
0.187
(4.75)
0.032
(0.81)
0.205
(5.21)
0.062 x 0.100 Slot
(1.58 x 2.54)
Standard Parallel QC
Vertical Twist QC
0.020
(0.51)
0.187
(4.75)
0.205
(5.21)
0.093
(2.36)
Dia. Hole
0.312 (7.93) Max
0.032
(7.67)
Vertical Straight QC
0.187
(4.75)
Terminals
26
° 3°
±
Clockwise Actuation
Counterclockwise Actuation
Rest from Centerline 26
° ± 3°. Full Overtravel 38° minimum.
Datum Line
Datum Line
0
°
38
° min.
Total Stroke
Rest
Pos.
Reset Range
on Return Stroke
5
°
13
°
21
°
15
°
SW. OP. Range
on OP. Stroke
0
°
Reset Range
on Return Stroke
5
°
13
°
21
°
15
°
38
° min.
Total Stroke
OP. Range
on OP. Stroke
COM
N.O.
N.C.
Dimensions inches (mm)
Switch Rotor
Wireform
No. 0014-0645
3.19
(81.03)
Clockwise Actuation Shown
Actuators
Wireform actuators are supplied
unassembled for each switch.
Wireforms may be readily assembled
to switch rotor as shown.
Specifications subject to change without notice.
Circuitry
This series is available in single pole
double throw and single pole single throw
either normally open or normally closed. In
general, normally open may be specified by
adding 01 to suffix numbers, and normally
closed by adding 02.
For example, E51-00B is double throw,
E51-01B is normally open and E51-02B
is normally closed.
Mounting
Recommended mounting screw size:
#4-40 Round head. Recommended torque
on screw: 4 inch lbs. max.
Operating Characteristics
Standard Force
4.0
″ gms. (max.)
Overtravel
15° min.
(10.5 gram – cm)
Movement Differential
3° min.
Note: Special models and tooling capability available for custom wire
form actuators.
Note: Additional operating forces available upon request.
Consult factory.
Actuator Specifications
Switch
Actuator
Direction of
Terminals
Type
Type
Actuator
inches (mm)
–00B
Clockwise
Standard Parallel 0.205 (5.21)
–00R
Clockwise
Standard Parallel 0.187 (4.75)
–00E
Counter Clockwise
Standard Parallel 0.205 (5.21)
–00T
Counter Clockwise
Standard Parallel 0.187 (4.75)
–50B
Clockwise
Vertical Twist 0.205 (5.21)
–50R
Clockwise
Vertical Twist 0.187 (4.75)
–50E
Counter Clockwise
Vertical Twist 0.205 (5.21)
–50T
Counter Clockwise
Vertical Twist 0.187 (4.75)
–60B
Clockwise
Vertical Straight 0.205 (5.21)
–60R
Clockwise
Vertical Straight 0.187 (4.75)
–60E
Counter Clockwise
Vertical Straight 0.205 (5.21)
–60T
Counter Clockwise
Vertical Straight 0.187 (4.75)
Ordering Information
Select the current rating you need.
Combine the corresponding Series/Prefix
number with the appropriate suffix number
for the switch type, circuitry and terminals
you require.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com