Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E63 Datasheet(PDF) 3 Page - ZF Friedrichshafen AG

Part # E63
Description  Long life coil spring mechanism
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZFSWITCHES [ZF Friedrichshafen AG]
Direct Link  https://switches-sensors.zf.com/
Logo ZFSWITCHES - ZF Friedrichshafen AG

E63 Datasheet(HTML) 3 Page - ZF Friedrichshafen AG

  E63 Datasheet HTML 1Page - ZF Friedrichshafen AG E63 Datasheet HTML 2Page - ZF Friedrichshafen AG E63 Datasheet HTML 3Page - ZF Friedrichshafen AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SUBMINIATURE Switch Modules
E61-E63 Series
Terminals:
Consult factory for switch part numbers if ordering pcb terminals
Terminal Mating Connectors:
** 0.093” QC terminals mate with AMP part number 60432-1
*** 0.110” QC terminals mate with AMP part number 42068-1
Switch Characteristics
 Consult factory for switch availability and characteristics.
Ordering Information
1.
Select the contact rating prefix you need (E61-E63).
2.
Combine the prefix with the corresponding terminal configuration. For example part number E63-02HM will provide you with a
gold crosspoint subminiature switch module with 0.093” QC terminals and a straight lever with a 0.396” actuation length.
Contact
Call, fax or visit our
Website for more information.
ZF Electronics Corporation
11200 88th Avenue
Pleasant Prairie, WI 53158
Phone: 262.942.6500
Web: www.cherrycorp.com
Email: cep_sales@zf.com
Fax: 262.942.6566
The manufacturer accepts no
liability for errors or non-
availability, and reserves the
right to change specifications
without prior notice.
Technical data relates to
product specifications only.
Features may differ from those
described. Only drawings
combined with product
specifications shall be deemed
binding.
© 2007 ZF Electronics
Corporation
Not recommended for new designs
Please review our DB series
http://www.cherrycorp.com/english/switches/submini/db.htm



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com