Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS100701 Datasheet(PDF) 2 Page - ZF Friedrichshafen AG

Part # GS100701
Description  Hall Effect gear tooth speed sensor with adjustable anodized aluminum housing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZFSWITCHES [ZF Friedrichshafen AG]
Direct Link  https://switches-sensors.zf.com/
Logo ZFSWITCHES - ZF Friedrichshafen AG

GS100701 Datasheet(HTML) 2 Page - ZF Friedrichshafen AG

  GS100701 Datasheet HTML 1Page - ZF Friedrichshafen AG GS100701 Datasheet HTML 2Page - ZF Friedrichshafen AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.cherryswitches.com
Page 2 of 2, Last update 2015-12-15, Specifications subject to change without notice.
Note: An external pull-up resistor is required, the value of which is dependent on the supply voltage. The resistor should be
connected between the output and Vcc. Refer to the wiring diagram for lead colors or pin numbering as applicable.
Recommended External Pull-Up Resistor
Volts DC
5
9
12
15
24
Ohms
1k
1.8k
2.4k
3k
3k
Open Collector Sinking Block Diagram
Dimensions mm (inches)
GS100701
GS100501
Installation
For best results, we recommend targets made from low carbon cold rolled
steel. Other factors that influence sensor performance include gear tooth
height and width, space between the teeth, shape of the teeth and thickness
of the target.
As a general guideline, consider a target with minimum
parameters as shown below. Note that smaller dimensions may work, but
testing for the application is required.
Tooth Height
Tooth Width
Distance between
Teeth
Target Thickness
5.0 mm (.200")
2.5 mm (.100")
10 mm (.400")
6.35 mm (.250")
GS100502



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com