Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRK22J5DBBNN Datasheet(PDF) 1 Page - ZF Friedrichshafen AG

Part # PRK22J5DBBNN
Description  Smallest agency approved rocker switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZFSWITCHES [ZF Friedrichshafen AG]
Direct Link  https://switches-sensors.zf.com/
Logo ZFSWITCHES - ZF Friedrichshafen AG

PRK22J5DBBNN Datasheet(HTML) 1 Page - ZF Friedrichshafen AG

  PRK22J5DBBNN Datasheet HTML 1Page - ZF Friedrichshafen AG PRK22J5DBBNN Datasheet HTML 2Page - ZF Friedrichshafen AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Single-Pole Rocker Switch
PR Series
Features
 Smallest agency approved rocker switch
 Available in a variety of colors
 Low-profile design
 Mechanical life: min. 50,000 operations
Electrical Ratings
Electrical Life at Rated Load
Switch
Series
EN61058 Rating
UL1054 Rating
According to VDE
(Min. Operations)
According to UL
(Min. Operations)
PR
3A, 250VAC, T100/55
6A, 125VAC; 3A 250VAC
10,000
6,000
Electrical Specifications
Material Specifications
Actuator:
PBT UL 94 V-0 rated
Ratings:
6A, 125VAC; 3A 250VAC (cULus)
3A, 250VAC, T100/55 (VDE)
Base:
PA66 UL 94 V-0 rated
Dielectric Strength:
1000VAC for 1 minute
Spring:
Piano Wire
Insulation Resistance:
100M ohms min at 500VDC
Contacts:
Silver Alloy
Initial Contact Resistance:
20μ ohms max
Movable Arm:
Silver-Plated Copper Alloy
Temperature Range:
-0°C to + 100°C (VDE)
-20°C to + 65°C (UL)
Terminals:
Silver-Plated Copper Alloy
RoHS Compliant
UL File No: E23301
Specifications subject to change without notice.


Similar Part No. - PRK22J5DBBNN

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
PRK22J5DBBNN CHERRY-PRK22J5DBBNN Datasheet
261Kb / 2P
Smallest agency approved rocker switch
PRK22J5DBBNN CHERRY-PRK22J5DBBNN Datasheet
240Kb / 2P
Rocker Switch Single Pole
More results

Similar Description - PRK22J5DBBNN

ManufacturerPart #DatasheetDescription
logo
CW Industries
GRB049A05BB1 CWIND-GRB049A05BB1 Datasheet
667Kb / 1P
ROCKER SWITCH
GRB136A05BB2 CWIND-GRB136A05BB2 Datasheet
621Kb / 1P
ROCKER SWITCH
GRB263A101RN1D CWIND-GRB263A101RN1D Datasheet
728Kb / 1P
ROCKER SWITCH
GRB263D001NNN CWIND-GRB263D001NNN Datasheet
691Kb / 1P
ROCKER SWITCH
GRB290AL405BBR CWIND-GRB290AL405BBR Datasheet
684Kb / 1P
ROCKER SWITCH
logo
Illinois Capacitor, Inc...
472MKP275KC ILLINOISCAPACITOR-472MKP275KC_13 Datasheet
346Kb / 3P
Small size ??Safety Agency approved ??Metalized Polypropylene
logo
Cherry Semiconductor Co...
PRK22J5DBBNN CHERRY-PRK22J5DBBNN Datasheet
261Kb / 2P
Smallest agency approved rocker switch
logo
Illinois Capacitor, Inc...
MKP ILLINOISCAPACITOR-MKP Datasheet
336Kb / 3P
Small size ??Safety Agency approved ??Metalized Polypropylene
logo
ZF Friedrichshafen AG
WRG32F2FBBRLN ZFSWITCHES-WRG32F2FBBRLN Datasheet
281Kb / 2P
Rocker Switch
logo
Nihon Kaiheiki Industry...
GW-12LRH NKK-GW-12LRH Datasheet
3Mb / 10P
rocker switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com