Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1005 Datasheet(PDF) 1 Page - ZF Friedrichshafen AG

Part # MP1005
Description  Solid state magnetic proximity sensor with electrical immunity protection
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZFSWITCHES [ZF Friedrichshafen AG]
Direct Link  https://switches-sensors.zf.com/
Logo ZFSWITCHES - ZF Friedrichshafen AG

MP1005 Datasheet(HTML) 1 Page - ZF Friedrichshafen AG

  MP1005 Datasheet HTML 1Page - ZF Friedrichshafen AG MP1005 Datasheet HTML 2Page - ZF Friedrichshafen AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.cherryswitches.com
Page 1 of 2, last update 2015-01-12, Specifications subject to change without notice.
Magnetic Proximity Sensors (Hall Effect)
MP1005 - MP1007 Sensors
Solid state magnetic proximity sensor
with electrical immunity protection
Description
The MP1 Series sensors are one-piece non-contact solid-state position sensors. The sensors operate through the use of Hall
Effect technology with magnetic fields generated by permanent magnets. They provide a sinking current output.
Features
Typical Applications
Solid state reliability
Stable output over operating temperature range
Compatible with unregulated power supply
South pole activated
Open collector (sinking or NPN) output can be used with bipolar or
CMOS logic circuits with suitable pull-up resistor
RoHS compliant
IP67
Door position & interlock
Limit switch
Flow/speed
Home security
Pedal switch
Environmental Specifications
Operating Temperature (MP100502)
-40 °C to 85
⁰C (-40 ⁰F to 185 ⁰F)
Operating Temperature (MP100701)
-40 °C to 150
⁰C (-40 ⁰F to 302 ⁰F)
Storage Temperature (MP100502)
-40 °C to 85
⁰C (-40 ⁰F to 185 ⁰F)
Storage Temperature (MP100701)
-40 °C to 150
⁰C (-40 ⁰F to 302 ⁰F)
Ingress Protection
IP67
Electrical Specifications
Operating Supply Voltage
5 to 24 VDC
Supply Current
4.1 mA typ., 7.5 mA max.
Output Current (Sink)
25 mA max.
Output Off Voltage
30 VDC
Maximum Input Voltage
30 VDC
Maximum Reverse Voltage
30 VDC
Pull-up Resistor
See chart
Mechanical Specifications
Housing Material
Aluminium
Maximum Installation Torque Limit
50 in lbs on threads
Note: An external pull-up resistor is required, the value of which is dependent on the supply voltage. The resistor should be
connected between the output and Vcc. Refer to the wiring diagram for lead colors or pin numbering as applicable.
Products
Part Number
Housing Color
Termination
MP100502
Red
20 AWG x 1 m
MP100701
Black
20 AWG x 1 m


Similar Part No. - MP1005

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MP1005 MCC-MP1005 Datasheet
115Kb / 3P
10 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
CHENG-YI ELECTRONIC CO....
MP1005M CHENG-YI-MP1005M Datasheet
126Kb / 2P
10 AMPS EPOXY BRIDGE RECTIFIER
More results

Similar Description - MP1005

ManufacturerPart #DatasheetDescription
logo
celduc-relais
PTA10490 CELDUC-PTA10490 Datasheet
423Kb / 2P
MAGNETIC PROXIMITY SENSOR
PTA80020 CELDUC-PTA80020 Datasheet
448Kb / 2P
MAGNETIC PROXIMITY SENSOR
PTC13730 CELDUC-PTC13730 Datasheet
95Kb / 2P
MAGNETIC PROXIMITY SENSOR
PTE21320 CELDUC-PTE21320 Datasheet
745Kb / 3P
MAGNETIC PROXIMITY SENSOR
PBA10010 CELDUC-PBA10010 Datasheet
302Kb / 2P
MAGNETIC PROXIMITY SENSOR
PCC26720 CELDUC-PCC26720 Datasheet
366Kb / 2P
MAGNETIC PROXIMITY SENSOR
PLA12435U CELDUC-PLA12435U Datasheet
320Kb / 2P
MAGNETIC PROXIMITY SENSOR
PLC12425U CELDUC-PLC12425U Datasheet
319Kb / 2P
MAGNETIC PROXIMITY SENSOR
PLMA0100 CELDUC-PLMA0100 Datasheet
324Kb / 2P
MAGNETIC PROXIMITY SENSOR
PSC42000 CELDUC-PSC42000 Datasheet
328Kb / 2P
MAGNETIC PROXIMITY SENSOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com