Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1013 Datasheet(PDF) 2 Page - ZF Friedrichshafen AG

Part # MP1013
Description  Hall-effect position sensor with convenient snap-fit mounting
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZFSWITCHES [ZF Friedrichshafen AG]
Direct Link  https://switches-sensors.zf.com/
Logo ZFSWITCHES - ZF Friedrichshafen AG

MP1013 Datasheet(HTML) 2 Page - ZF Friedrichshafen AG

  MP1013 Datasheet HTML 1Page - ZF Friedrichshafen AG MP1013 Datasheet HTML 2Page - ZF Friedrichshafen AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.cherryswitches.com
Page 2 of 2, Last update 2016-01-05, Specifications subject to change without notice.
*Not commonly stocked
Note: An external pull-up resistor is required, the value of which is dependent on the supply voltage. The resistor should be connected
between the output and Vcc. Refer to the wiring diagram for lead colors or pin numbering as applicable.
Recommended External Pull-Up Resistor
Volts DC
5
9
12
15
24
Ohms
1k
1.8k
2.4k
3k
3k
Open Collector Sinking Block Diagram
Dimensions mm (inches)
Products
Part Number
Leads
MP101301
24 AWG x 150 mm
MP101302*
24 AWG x 150 mm
MP101303*
24 AWG x 150 mm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com