Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2007 Datasheet(PDF) 1 Page - ZF Friedrichshafen AG

Part # MP2007
Description  Reed based magnetic proximity sensor in aluminum threaded housing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZFSWITCHES [ZF Friedrichshafen AG]
Direct Link  https://switches-sensors.zf.com/
Logo ZFSWITCHES - ZF Friedrichshafen AG

MP2007 Datasheet(HTML) 1 Page - ZF Friedrichshafen AG

  MP2007 Datasheet HTML 1Page - ZF Friedrichshafen AG MP2007 Datasheet HTML 2Page - ZF Friedrichshafen AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.cherryswitches.com
Page 1 of 2, last update 2014-10-16, Specifications subject to change without notice.
Magnetic Proximity Sensors (Reed)
MP2007 Sensors
Reed based magnetic proximity sensor
in aluminum threaded housing
Description
The MP2 Series sensors are reed proximity sensors. Normally open or closed contacts change states when a magnetic field is
applied. The sensors act as non-latching electrical switches.
Features
Typical Applications
Contacts hermetically sealed for long life
Zero power consumption
Suitable for DC and AC circuits
RoHS compliant
Mounting hardware included
IP
Operate/Release Distances: .
mm –
. mm (.” – .”)*
Door position & interlock
Limit switch
Flow / speed
Home security
Pedal switch
Environmental Specifications
Vibration
20 g 10 Hz to 1 kHz (MP200701),
20 g 10 Hz to 55 Hz (MP200702, MP200703)
Operating Temperature
-40 °C to 105 °C (-40 °F to 221 °F)
Storage Temperature
-40 °C to 105 °C (-40 °F to 221 °F)
Ingress Protection
IP65
Electrical Specifications
Typical Operating Time
1 ms
Breakdown Voltage
200 VDC min.
Switching Voltage and Current
See Products chart
Contact Resistance and Power rating:
See Products chart
Mechanical Specifications
Housing Material
Aluminium
Maximum Installation Torque Limit
5.65 Nm (50 in lb) on threads
Operate/Release Distances*
*with AS101001 magnetic actuator
3.81 mm – 12.7 mm (0.15” – 0.5”)
Products
Part Number
Contact
Form
Maximum
Power Rating
Maximum
Switching Voltage
Maximum
Switching Current
Maximum
Contact Resistance
MP200701
SPST-NO
Form A
10 W
175 VAC/VDC
0.5 A
0.200 Ω
MP200702
SPST-NC
Form B
3 W
30 VAC/VDC
0.2 A
0.100 Ω
MP200703
SPDT-CO
Form C
3 W
30 VAC/VDC
0.2 A
0.100 Ω
All MP2007 sensors come with leads 24 AWG x 305 mm (12”)


Similar Part No. - MP2007

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2007 MPS-MP2007 Datasheet
257Kb / 11P
3A, 1.3V??.0V DDR Memory Termination Regulator
MP20073 MPS-MP20073 Datasheet
437Kb / 11P
2A, 1.3V.6.0V DDR Memory Termination Regulator
MP20073DH MPS-MP20073DH Datasheet
437Kb / 11P
2A, 1.3V.6.0V DDR Memory Termination Regulator
MP20073DH MPS-MP20073DH Datasheet
150Kb / 4P
2A, 1.30V ??6.0V DDR Memory VTT Termination Regulator
MP20075 MPS-MP20075 Datasheet
418Kb / 11P
3A, 1.05V.3.6V DDR2/3/3L/4 Memory Termination Regulator
More results

Similar Description - MP2007

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
MP201701 CHERRY-MP201701 Datasheet
52Kb / 1P
Reed-based magnetic sensor encapsulated in smooth plastic housing
logo
celduc-relais
PTA10490 CELDUC-PTA10490 Datasheet
423Kb / 2P
MAGNETIC PROXIMITY SENSOR
PTA80020 CELDUC-PTA80020 Datasheet
448Kb / 2P
MAGNETIC PROXIMITY SENSOR
PTC13730 CELDUC-PTC13730 Datasheet
95Kb / 2P
MAGNETIC PROXIMITY SENSOR
PTE21320 CELDUC-PTE21320 Datasheet
745Kb / 3P
MAGNETIC PROXIMITY SENSOR
PBA10010 CELDUC-PBA10010 Datasheet
302Kb / 2P
MAGNETIC PROXIMITY SENSOR
PCC26720 CELDUC-PCC26720 Datasheet
366Kb / 2P
MAGNETIC PROXIMITY SENSOR
logo
ZF Friedrichshafen AG
MP2017 ZFSWITCHES-MP2017 Datasheet
305Kb / 2P
Reed based magnetic proximity sensor encapsulated in smooth plastic barrel
MP2018 ZFSWITCHES-MP2018 Datasheet
252Kb / 2P
Reed based magnetic proximity sensor in plastic flange-mount package
MP2019 ZFSWITCHES-MP2019 Datasheet
346Kb / 2P
Reed based magnetic proximity sensor in plastic flange-mount package
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com