Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2017 Datasheet(PDF) 1 Page - ZF Friedrichshafen AG

Part # MP2017
Description  Reed based magnetic proximity sensor encapsulated in smooth plastic barrel
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZFSWITCHES [ZF Friedrichshafen AG]
Direct Link  https://switches-sensors.zf.com/
Logo ZFSWITCHES - ZF Friedrichshafen AG

MP2017 Datasheet(HTML) 1 Page - ZF Friedrichshafen AG

  MP2017 Datasheet HTML 1Page - ZF Friedrichshafen AG MP2017 Datasheet HTML 2Page - ZF Friedrichshafen AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.cherryswitches.com
Page 1 of 2, last update 2014-12-12, Specifications subject to change without notice.
Magnetic Proximity Sensors (Reed)
MP2017 Sensors
Reed based magnetic proximity sensor
encapsulated in smooth plastic barrel
Description
The MP2 Series sensors are reed proximity sensors. Normally open or closed contacts change states when a magnetic field is
applied. The sensors act as non-latching electrical switches.
Features
Typical Applications
Contacts hermetically sealed for long life
Zero power consumption
Suitable for DC and AC circuits
RoHS compliant
IP65
Operate/Release Distances*: 3.81 mm – 12.7 mm (0.15” – 0.5”)
Door position & interlock
Limit switch
Flow/speed
Home security
Pedal switch
Environmental Specifications
Vibration
20 g 10 Hz to 1 kHz (MP201701),
20 g 10 Hz to 55 Hz (MP201702, MP201703)
Operating Temperature
-40 °C to 105 °C (-40 °F to 221 °F)
Storage Temperature
-40 °C to 105 °C (-40 °F to 221 °F)
Ingress Protection
IP65
Electrical Specifications
Typical Operating Time
1 ms
Breakdown Voltage
200 VDC min.
Switching Voltage and Current
See Products chart
Contact Resistance and Power rating:
See Products chart
Mechanical Specifications
Housing Material
Glass-reinforced Plastic
Operate/Release Distances*
*with AS201701 magnetic actuator
3.81 mm – 12.7 mm (0.15” – 0.5”)
Products
Part Number
Contact
Form
Maximum
Power Rating
Maximum
Switching Volta ge
Maximum
Switching Current
Maximum
Contact Resistance
MP201701
SPST-NO
Form A
10 W
175 VAC/VDC
0.5 A
0.200 Ω
MP201702
SPST-NC
Form B
3 W
30 VAC/VDC
0.2 A
0.100 Ω
MP201703
SPDT-CO
Form C
3 W
30 VAC/VDC
0.2 A
0.100 Ω
All MP2017 sensors come with leads 24 AWG x 305 mm (12”)


Similar Part No. - MP2017

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
MP201701 CHERRY-MP201701 Datasheet
52Kb / 1P
Reed-based magnetic sensor encapsulated in smooth plastic housing
MP201702 CHERRY-MP201702 Datasheet
52Kb / 1P
Reed-based magnetic sensor encapsulated in smooth plastic housing
MP201703 CHERRY-MP201703 Datasheet
52Kb / 1P
Reed-based magnetic sensor encapsulated in smooth plastic housing
More results

Similar Description - MP2017

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
MP201701 CHERRY-MP201701 Datasheet
52Kb / 1P
Reed-based magnetic sensor encapsulated in smooth plastic housing
logo
celduc-relais
PTA10490 CELDUC-PTA10490 Datasheet
423Kb / 2P
MAGNETIC PROXIMITY SENSOR
PTA80020 CELDUC-PTA80020 Datasheet
448Kb / 2P
MAGNETIC PROXIMITY SENSOR
PTC13730 CELDUC-PTC13730 Datasheet
95Kb / 2P
MAGNETIC PROXIMITY SENSOR
PTE21320 CELDUC-PTE21320 Datasheet
745Kb / 3P
MAGNETIC PROXIMITY SENSOR
PBA10010 CELDUC-PBA10010 Datasheet
302Kb / 2P
MAGNETIC PROXIMITY SENSOR
PCC26720 CELDUC-PCC26720 Datasheet
366Kb / 2P
MAGNETIC PROXIMITY SENSOR
logo
ZF Friedrichshafen AG
MP2007 ZFSWITCHES-MP2007 Datasheet
254Kb / 2P
Reed based magnetic proximity sensor in aluminum threaded housing
MP2018 ZFSWITCHES-MP2018 Datasheet
252Kb / 2P
Reed based magnetic proximity sensor in plastic flange-mount package
MP2019 ZFSWITCHES-MP2019 Datasheet
346Kb / 2P
Reed based magnetic proximity sensor in plastic flange-mount package
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com