Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP201902 Datasheet(PDF) 1 Page - ZF Friedrichshafen AG

Part # MP201902
Description  Reed based magnetic proximity sensor in plastic flange-mount package
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZFSWITCHES [ZF Friedrichshafen AG]
Direct Link  https://switches-sensors.zf.com/
Logo ZFSWITCHES - ZF Friedrichshafen AG

MP201902 Datasheet(HTML) 1 Page - ZF Friedrichshafen AG

  MP201902 Datasheet HTML 1Page - ZF Friedrichshafen AG MP201902 Datasheet HTML 2Page - ZF Friedrichshafen AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.cherryswitches.com
Page 1 of 2, last update 2014-12-12, Specifications subject to change without notice.
Magnetic Proximity Sensors (Reed)
MP2019 Sensors
Reed based magnetic proximity sensor
in plastic flange-mount package
Description
The MP2 Series sensors are reed position sensors. Normally open or closed contacts change states when a magnetic field is
applied. The sensors act as non-latching electrical switches.
Features
Typical Applications
Contacts hermetically sealed for long life
Zero power consumption
Suitable for DC and AC circuits
Flange mount
RoHS compliant
IP65
Operate/Release Distances*: 10.16 mm – 22.86 mm (0.4” – 0.9”)
Door position & interlock
Limit switch
Flow/speed
Home security
Pedal switch
Environmental Specifications
Vibration
20 g 10 Hz to 1 kHz (MP201901),
20 g 10 Hz to 55 Hz (MP201902, M201903)
Operating Temperature
-40 °C to 105 °C (-40 °F to 221 °F)
Storage Temperature
-40 °C to 105 °C (-40 °F to 221 °F)
Ingress Protection
IP65
Electrical Specifications
Typical Operating Time
1 ms
Breakdown Voltage
200 VDC min.
Switching Voltage and Current
See Products chart
Contact Resistance and Power rating:
See Products chart
Mechanical Specifications
Housing Material
Glass-reinforced plastic
Operate/Release Distances*
*with AS201901 magnetic actuator
10.16 mm – 22.86 mm (0.4” – 0.9”)
Products
Part Number
Contact
Form
Maximum
Power Rating
Maximum
Switching Volta ge
Maximum
Switching Current
Maximum
Contact Resistance
MP201901
SPST-NO
Form A
10 W
175 VAC/VDC
0.5 A
0.200 Ω
MP201902
SPST-NC
Form B
3 W
30 VAC/VDC
0.2 A
0.100 Ω
MP201903
SPST-NC
Form C
3 W
30 VAC/VDC
0.2 A
0.100 Ω
All MP2019 sensors come with leads 24 AWG x 305 mm (12”)


Similar Part No. - MP201902

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2019 MPS-MP2019 Datasheet
826Kb / 16P
40V, 300mA, Low Quiescent Current Adjustable Output Linear Regulator
MP2019GN MPS-MP2019GN Datasheet
826Kb / 16P
40V, 300mA, Low Quiescent Current Adjustable Output Linear Regulator
MP2019GN-33 MPS-MP2019GN-33 Datasheet
826Kb / 16P
40V, 300mA, Low Quiescent Current Adjustable Output Linear Regulator
MP2019GN-5 MPS-MP2019GN-5 Datasheet
826Kb / 16P
40V, 300mA, Low Quiescent Current Adjustable Output Linear Regulator
More results

Similar Description - MP201902

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
MP201701 CHERRY-MP201701 Datasheet
52Kb / 1P
Reed-based magnetic sensor encapsulated in smooth plastic housing
logo
celduc-relais
PTA10490 CELDUC-PTA10490 Datasheet
423Kb / 2P
MAGNETIC PROXIMITY SENSOR
PTA80020 CELDUC-PTA80020 Datasheet
448Kb / 2P
MAGNETIC PROXIMITY SENSOR
PTC13730 CELDUC-PTC13730 Datasheet
95Kb / 2P
MAGNETIC PROXIMITY SENSOR
PTE21320 CELDUC-PTE21320 Datasheet
745Kb / 3P
MAGNETIC PROXIMITY SENSOR
PBA10010 CELDUC-PBA10010 Datasheet
302Kb / 2P
MAGNETIC PROXIMITY SENSOR
PCC26720 CELDUC-PCC26720 Datasheet
366Kb / 2P
MAGNETIC PROXIMITY SENSOR
logo
ZF Friedrichshafen AG
MP2007 ZFSWITCHES-MP2007 Datasheet
254Kb / 2P
Reed based magnetic proximity sensor in aluminum threaded housing
MP2017 ZFSWITCHES-MP2017 Datasheet
305Kb / 2P
Reed based magnetic proximity sensor encapsulated in smooth plastic barrel
MP2018 ZFSWITCHES-MP2018 Datasheet
252Kb / 2P
Reed based magnetic proximity sensor in plastic flange-mount package
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com