Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STQ3NK50ZR-AP Datasheet(PDF) 7 Page - STMicroelectronics

Part # STQ3NK50ZR-AP
Description  N-CHANNEL 500V - 2.8ohm - 2.3A TO-92/DPAK/IPAK Zener-Protected SuperMESH MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STQ3NK50ZR-AP Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STQ3NK50ZR-AP Datasheet HTML 3Page - STMicroelectronics STQ3NK50ZR-AP Datasheet HTML 4Page - STMicroelectronics STQ3NK50ZR-AP Datasheet HTML 5Page - STMicroelectronics STQ3NK50ZR-AP Datasheet HTML 6Page - STMicroelectronics STQ3NK50ZR-AP Datasheet HTML 7Page - STMicroelectronics STQ3NK50ZR-AP Datasheet HTML 8Page - STMicroelectronics STQ3NK50ZR-AP Datasheet HTML 9Page - STMicroelectronics STQ3NK50ZR-AP Datasheet HTML 10Page - STMicroelectronics STQ3NK50ZR-AP Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7/14
STD3NK50Z - STD3NK50Z-1 - STQ3NK50ZR-AP
Figure 18: Unclamped Inductive Load Test Cir-
cuit
Figure 19: Switching Times Test Circuit For
Resistive Load
Figure 20: Test Circuit For Inductive Load
Switching and Diode Recovery Times
Figure 21: Unclamped Inductive Wafeform
Figure 22: Gate Charge Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com