Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PKA2231CI Datasheet(PDF) 13 Page - Ericsson

Part # PKA2231CI
Description  25-40 W DC/DC Power Modules 24 V Input Series
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PKA2231CI Datasheet(HTML) 13 Page - Ericsson

Back Button PKA2231CI Datasheet HTML 9Page - Ericsson PKA2231CI Datasheet HTML 10Page - Ericsson PKA2231CI Datasheet HTML 11Page - Ericsson PKA2231CI Datasheet HTML 12Page - Ericsson PKA2231CI Datasheet HTML 13Page - Ericsson PKA2231CI Datasheet HTML 14Page - Ericsson PKA2231CI Datasheet HTML 15Page - Ericsson PKA2231CI Datasheet HTML 16Page - Ericsson PKA2231CI Datasheet HTML 17Page - Ericsson Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
EN/LZT 146 09 R1A © Ericsson Microelectronics AB, June 2000
13
PKA 2325 PI, CI
Efficiency (typ)
Output characteristic (typ)
Output characteristic (typ)
Output characteristic (typ)
Load current Output 1(A), I
O2 = IO1
60
70
80
90
1.0
0.20
0.40
0.60
0.80
19V
35 V
Power derating
Efficiency (typ)
Power derating
Output characteristic (typ)
Output characteristic (typ)
PKA 2231 PI, CI
Load current Output 1(A), I
O2
, IO3 = IOnom
60
70
80
90
4.0
0.8
1.6
2.4
3.2
35 V
19 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com