Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA30ZP Datasheet(PDF) 2 Page - Thinki Semiconductor Co., Ltd.

Part # BA30ZP
Description  30 Ampere Avalanche Type Block Rectifier Diodes for Mitsubishi Alternator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

BA30ZP Datasheet(HTML) 2 Page - Thinki Semiconductor Co., Ltd.

  BA30ZP Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. BA30ZP Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd. BA30ZP Datasheet HTML 3Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
.
.
.
© 1995 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com.tw/
Page 2/3
Rev.09T
Surge current characteristics
50
30
10
0
I
(EXP)
RRM
RRM
I
(EXP)
I
- V
F
FORWARD VOLTAGE V
(V)
0.7
1000
1
10
FF
0.8
0.9
1
1.1
1.2
100
AMBIENT TEMPERATURE Ta ( C)
20
0
0
10
40
30
160
80
120
I
- Ta
F(AV)
40
Ta=Tc
BA30ZP/BA30ZN



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com