Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PKA2232CI Datasheet(PDF) 12 Page - Ericsson

Part # PKA2232CI
Description  25-40 W DC/DC Power Modules 24 V Input Series
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PKA2232CI Datasheet(HTML) 12 Page - Ericsson

Back Button PKA2232CI Datasheet HTML 8Page - Ericsson PKA2232CI Datasheet HTML 9Page - Ericsson PKA2232CI Datasheet HTML 10Page - Ericsson PKA2232CI Datasheet HTML 11Page - Ericsson PKA2232CI Datasheet HTML 12Page - Ericsson PKA2232CI Datasheet HTML 13Page - Ericsson PKA2232CI Datasheet HTML 14Page - Ericsson PKA2232CI Datasheet HTML 15Page - Ericsson PKA2232CI Datasheet HTML 16Page - Ericsson Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
EN/LZT 146 09 R1A © Ericsson Microelectronics AB, June 2000
12
PKA 2323 PI, CI
PKA 2411 PIL
PKA2211 PI, CI
Power derating
Output characteristic (typ)
Efficiency (typ)
Efficiency (typ)
Output characteristic (typ)
Power derating
Efficiency (typ)
Output characteristic (typ)
Power derating
Output characteristic (typ)
19 V
35 V
Load current (A)
60
70
80
90
5
1
2
3
4
Load current (A)
60
70
80
90
1.6
3.2
4.8
6.4
8.0
19 V
35 V
Load current Output 1(A), I
O2 = IO1
60
70
80
90
0.25
0.50
0.75
1.0
1.25
19 V
35 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com