Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUV21 Datasheet(PDF) 3 Page - ON Semiconductor

Part # BUV21
Description  SITCHMODE Series NPN Silicon Power Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BUV21 Datasheet(HTML) 3 Page - ON Semiconductor

  BUV21 Datasheet HTML 1Page - ON Semiconductor BUV21 Datasheet HTML 2Page - ON Semiconductor BUV21 Datasheet HTML 3Page - ON Semiconductor BUV21 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BUV21
3
Motorola Bipolar Power Transistor Device Data
Figure 2. Active Region Safe Operating Area
40
1
VCE, COLLECTOR–EMITTER VOLTAGE (V)
10
200
10
1
0.1
100
There are two limitations on the power handling ability of a
transistor: average junction temperature and second break-
down. Safe operating area curves indicate IC – VCE limits of
the transistor that must be observed for reliable operation
i.e., the transistor must not be subjected to greater dissipa-
tion than the curves indicate.
The data of Figure 2 is based on TC = 25_C, TJ(pk) is
variable depending on power level. Second breakdown
limitations do not derate the same as thermal limitations.
At high case temperatures, thermal limitations will reduce
the power that can be handled to values less than the limita-
tions imposed by second breakdown.
Figure 3. “On” Voltages
Figure 4. DC Current Gain
50
100
IC, COLLECTOR CURRENT (A)
1
10
40
0
30
20
10
VCE = 5 V
Figure 5. Resistive Switching Performance
3.0
0
5
10
15
25
VCE = 100 V
IC/IB1 = 8
IB1 = IB2
2.0
1.0
tS
0.4
0.3
0.2
20
ton
tF
2.0
IC, COLLECTOR CURRENT (A)
1
10
1.6
IC/IB = 8
0.8
1.2
0.4
Figure 6. Switching Times Test Circuit
IC, COLLECTOR CURRENT (A)
VBE
VCE
VCC
IB2
IB1
RB
RC
RC – RB: Non inductive resistances
VCC = 100 V
RC = 4 Ω
RB = 2.2 Ω
10,000
µF
0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com