Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KRE2DMAARBD Datasheet(PDF) 2 Page - ZF Friedrichshafen AG

Part # KRE2DMAARBD
Description  Sealed Rocker Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZFSWITCHES [ZF Friedrichshafen AG]
Direct Link  https://switches-sensors.zf.com/
Logo ZFSWITCHES - ZF Friedrichshafen AG

KRE2DMAARBD Datasheet(HTML) 2 Page - ZF Friedrichshafen AG

  KRE2DMAARBD Datasheet HTML 1Page - ZF Friedrichshafen AG KRE2DMAARBD Datasheet HTML 2Page - ZF Friedrichshafen AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.switches-sensors.zf.com ZF Electronics Systems Pleasant Prairie, LLC (“ZF”) acquired the rights to the CHERRY branded switches
and sensors in 2008. Although ZF divested its interest in the CHERRY name in 2015, the switches and sensors remain unchanged and are now
sold under the ZF brand.
Page 2 of 2, Last update 2017-11-02, Specifications subject to change without notice.
Electrical Specifications
Dielectric Strength
1500 VAC for 1 minute
Insulation Resistance
100 MΩ min at 500 VDC
Initial Contact Resistance
0.050 Ω max
Electrical Ratings – UL1054
VAC
VDC
16 A 125 VAC 1/3 HP / 10 A 250 VAC 1/2 HP
16 A 12 VDC / 6 A 28 VDC
Electrical Life at Rated Load
UL
Minimum Operations
6,000
UL File No: E23301
Material and Environmental Specifications
Actuator
Polycarbonate
Housing
Nylon 66 94 V-2
Spring
Steel Wire
Contacts
Silver Alloy
Movable Arm
Silver
Terminals
Silver-Plated Copper Alloy
Rubber Boot
Silicone
Operating Temperature Range
-25
OC to +85 OC (-13 OF to +185 OF)
Ingress Protection
IP65
Circuitry and Switch Functions – (ON)-OFF has same connections as ON-OFF; spring return on switch
Dimensions mm (inches)
4.8±0.1
(0.189)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com