Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KDH3ALA2LBD Datasheet(PDF) 2 Page - ZF Friedrichshafen AG

Part # KDH3ALA2LBD
Description  Sealed Rocker Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZFSWITCHES [ZF Friedrichshafen AG]
Direct Link  https://switches-sensors.zf.com/
Logo ZFSWITCHES - ZF Friedrichshafen AG

KDH3ALA2LBD Datasheet(HTML) 2 Page - ZF Friedrichshafen AG

  KDH3ALA2LBD Datasheet HTML 1Page - ZF Friedrichshafen AG KDH3ALA2LBD Datasheet HTML 2Page - ZF Friedrichshafen AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.cherryswitches.com
Page 2 of 2, Last update 2015-04-08, Specifications subject to change without notice.
Electrical Specifications
Dielectric Strength
1500 VAC for 1 minute
Insulation Resistance
100 MΩ min at 500 VDC
Initial Contact Resistance
0.050 Ω max
Electrical Ratings
UL1054
VDC
3
16 A 125 VAC / 10 A 250 VAC
20 A 14 VDC / 10 A 28 VDC
Electrical Life at Rated Load
UL
Minimum Operations
6,000
3DC ratings not agency approved
UL File No: E23301
Material and Environmental Specifications
Actuator
Polycarbonate 94V-2
Housing
Nylon 66 94V-2
Spring
Steel
Contacts
Silver Alloy
Movable Arm
Silver-Plated Copper Alloy
Terminals
Silver-Plated Copper Alloy
Rubber Boot
Silicone
Operating Temperature Range
-25
OC to +85 OC (-13 OF to +185 OF)
Ingress Protection
IP65
Circuitry and Switch Functions
Dimensions mm (inches)
Recommended Panel Cut-out



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com