Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES1AF Datasheet(PDF) 1 Page - Bytesonic Electronics Co., Ltd.

Part # ES1AF
Description  1.0 AMP SUPER FAST RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BYTESONIC [Bytesonic Electronics Co., Ltd.]
Direct Link  http://www.bytesonic.com/en/index.php
Logo BYTESONIC - Bytesonic Electronics Co., Ltd.

ES1AF Datasheet(HTML) 1 Page - Bytesonic Electronics Co., Ltd.

  ES1AF Datasheet HTML 1Page - Bytesonic Electronics Co., Ltd. ES1AF Datasheet HTML 2Page - Bytesonic Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1.0 AMP SUPER FAST RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating25Cambienttemperatureuniessotherwiesspecified.
Singlephasehalfwave,60Hz,resistiveorinductiveload.
Forcapacitiveload,deratecurrentby20%.
TYPE NUMBER
MaximumRecurrentPeakReverseVoltage
MaximumRMSVoltage
MaximumDCBlockingVoltage
MaximumAverageForwardRectifiedCurrent
.375"(9.5mm)LeadLengthatTa=55C
FEATURES
MECHANICAL DATA
PeakForward SurgeCurrent,8.3mssinglehalfsine-wave
superimposedonratedload(JEDECmethod)
MaximumInstantaneousForwardVoltageat1.0A
MaximumDCReverseCurrent
Ta=25C
atRatedDCBlockingVoltage
Ta=100C
MaximumReverseRecoveryTime(Note1)
TypicalJunctionCapacitance(Note2)
OperatingandStorageTemperatureRangeTj,TSTG
1.0
30
5 . 0
50
10
-65
+150
A
A
V
µA
µA
nS
pF
C
NOTES:
1.ReverseRecovery Timetestcondition: IF=0.5A,IR=1.0A,IRR=0.25A
2.Measuredat1MHzandappliedreversevoltageof4.0VD.C.
* Lowforwardvoltagedrop
* Highcurrentcapability
* Highreliability
* Highsurgecurrentcapability
* Case:Moldedplastic
*Epoxy:UL94V-0rateflameretardant
*Lead:Axialleads,solderableperMIL-STD-202,
method208guranteed
*Polarity:Colorbanddenotescathodeend
*Mountingposition:Any
ES1A
THRU
ES1J
0.95
VOLTAGE RANGE
50 to 600 Volts
CURRENT
1.0Ampere
ES1AF ES1BF ES1CF ES1DF ES1EF ES1GF
UNITS
35
V
50
100
150
200
300
400
50
100
150
200
300
400
35
70
105
140
210
280
V
V
1.25
o
ES1JF
600
420
600
1.7
*Weight:0.064grams
Lead Free Finish/RoHS Compliant
*
http://www.bytesonic.com
.tw
F
F
Version 1.3
2019/6/20
0.173(4.40)
0.20(5.20)
0.170(4.20)
0.037(0.90)
Dimensions in inches and (millimeters)
SMAF
Cathode Band
Top View
0.126(3.20)
0.110(2.80)
0.094(2.40)
0.051(1.30)
0.059(1.50)
0.044(1.10)
0.010(0.25)
0.006(0.15)
0.047(1.20)
0.028(0.70)


Similar Part No. - ES1AF

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ES1AF PANJIT-ES1AF Datasheet
269Kb / 4P
SURFACE MOUNT SUPERFAST RECTIFIER
logo
List of Unclassifed Man...
ES1AF ETC2-ES1AF Datasheet
526Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
Microdiode Semiconducto...
ES1AF CHENDA-ES1AF Datasheet
628Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
ES1AF YFWDIODE-ES1AF Datasheet
138Kb / 3P
Surface Mount Superfast Recovery Rectifier
logo
Jinan Jing Heng Electro...
ES1AF JINGHENG-ES1AF Datasheet
64Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION SUPER FAST RECOVERY RECTIFIER
More results

Similar Description - ES1AF

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SF11 FORMOSA-SF11 Datasheet
36Kb / 2P
1.0 AMP SUPER FAST RECTIFIERS
SF18 FORMOSA-SF18 Datasheet
64Kb / 2P
1.0 AMP SUPER FAST RECTIFIERS
logo
Taiwan Semiconductor Co...
SF11S TSC-SF11S Datasheet
64Kb / 2P
1.0 AMP. Super Fast Rectifiers
SF11 TSC-SF11_1 Datasheet
257Kb / 2P
1.0 AMP. Super Fast Rectifiers
SFT11 TSC-SFT11_1 Datasheet
270Kb / 2P
1.0 AMP. Super Fast Rectifiers
logo
Taiwan Memory Technolog...
SF11S_B08 TMT-SF11S_B08 Datasheet
44Kb / 2P
1.0 AMP. Super Fast Rectifiers
logo
Goodwork Semiconductor ...
SF11S GWSEMI-SF11S Datasheet
71Kb / 2P
1.0 AMP SUPER FAST RECTIFIERS
logo
Nanjing International G...
ES1A DGNJDZ-ES1A Datasheet
40Kb / 2P
1.0 AMP SUPER FAST RECTIFIERS
SF11 DGNJDZ-SF11 Datasheet
203Kb / 2P
1.0 AMP SUPER FAST RECTIFIERS
logo
DIYI Electronic Technol...
SF11 DYELEC-SF11 Datasheet
703Kb / 2P
1.0 AMP. Super Fast Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com