Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB1F Datasheet(PDF) 1 Page - Bytesonic Electronics Co., Ltd.

Part # MB1F
Description  MINI SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BYTESONIC [Bytesonic Electronics Co., Ltd.]
Direct Link  http://www.bytesonic.com/en/index.php
Logo BYTESONIC - Bytesonic Electronics Co., Ltd.

MB1F Datasheet(HTML) 1 Page - Bytesonic Electronics Co., Ltd.

  MB1F Datasheet HTML 1Page - Bytesonic Electronics Co., Ltd. MB1F Datasheet HTML 2Page - Bytesonic Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MINI SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
Dimensions in inches and (millimeters)
FEATURES
* Ideal for printed circuit board
* Reliable low cost construction utilizing molded
plastic technique
* High surge current capability
* Polarity: marked on body
* Mounting position: Any
VOLTAGE RANGE
100 to
1000 Volts
CURRENT
0.8 Ampere
o
Lead Free Finish/RoHS Compliant
*
Version 1.4
2017/03/13
http://www.bytesonic.com.tw
MB1F
MB10F
THRU
.158(4.0)
.063(1.6)
.275(7
.0)MAX
.008(.2
0)
.043(1.1)
.106(2.7)
.193(4.9)
.031(.8)
.142(3.6)
.090(1.2)
.027(0.7)
.090(2.3)
.177(4.5)
.019(.5)
+
~
~
SMD/MB
-F
.00
3(.08)
m
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
MB4F
MB8F
MB10F
Unit
VRRM
600
800
1000
V
VRMS
420
560
700
V
VDC
600
800
1000
V
2sec
TJ
OC
TSTG
OC
uA
Maximum DC Reverse Current
TA=25 ℃
at Rated DC Blocking Voltage
TA=125 ℃
IR
A
Maximum Instantaneous Forward Voltage (Note 1)
@ 0.
4A
VF
1.0
V
3.74
Peak Forward Surge Current, 8.3 ms Single Half Sine-
wave Superimposed on Rated Load (JEDEC method)
Type Number
Maximum Repetitive Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltag
A
400
IFSM
30
IF(AV)
0.
6
0.8
Operating Temperature Range
Storage Temperature Range
- 55 to + 150
10
150
- 55 to + 150
Typical Thermal Resistance (Note 2)
RθjL
RθjA
25
80
Note 1: Pulse Test with PW=300 usec,1% Duty Cycle
Note 2: Mounted on P.C.B. with 5mm x 5mm Copper Pads
200
140
400
280
MB1F
OC/W
Maximum Average Forward Rectified Current
On glass-epoxy
On aluminum substrate
MB2F
Rating for fusing (t<8.3mS)
I
2
A
T
Symbo
MB6F
70
200
100
100


Similar Part No. - MB1F

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
MB1F PACELEADER-MB1F Datasheet
241Kb / 2P
Miniature Glass Passivated Single-Phase Surface Mount Flat Bridge Rectifier
logo
Shenzhen Ping Sheng Ele...
MB1F PFS-MB1F Datasheet
588Kb / 2P
Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
logo
Shenzhen Luguang Electr...
MB1F LUGUANG-MB1F Datasheet
183Kb / 2P
Silicon Bridge Rectifiers
logo
Formosa MS
MB1F FORMOSA-MB1F Datasheet
197Kb / 2P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Guangdong Juxing Electr...
MB1F JUXING-MB1F Datasheet
940Kb / 2P
Miniature Glas Passivated Single-Phase
More results

Similar Description - MB1F

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
B1S PACELEADER-B1S Datasheet
145Kb / 2P
MINI SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
logo
Nanjing International G...
B1S DGNJDZ-B1S Datasheet
109Kb / 2P
MINI SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
HD01 DGNJDZ-HD01 Datasheet
101Kb / 2P
MINI SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
MB1S DGNJDZ-MB1S Datasheet
360Kb / 2P
MINI SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
logo
HY ELECTRONIC CORP.
MSB20A HY-MSB20A Datasheet
154Kb / 3P
GLASS PASSIVATED SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Nanjing International G...
B1S-B10S DGNJDZ-B1S-B10S Datasheet
134Kb / 2P
MINI SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
MB05S DGNJDZ-MB05S Datasheet
143Kb / 2P
MINI SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Bytesonic Electronics C...
B1S BYTESONIC-B1S Datasheet
604Kb / 2P
MINI SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
2017/5/17
RABS210 BYTESONIC-RABS210 Datasheet
905Kb / 2P
Surface Mount Glass Passivated Bridge Rectifiers
2019/10/12
logo
HY ELECTRONIC CORP.
FABS205 HY-FABS205 Datasheet
326Kb / 3P
Surface Mount Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com