Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB30B Datasheet(PDF) 2 Page - Bytesonic Electronics Co., Ltd.

Part # MB30B
Description  GLASS PASSIVATED BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BYTESONIC [Bytesonic Electronics Co., Ltd.]
Direct Link  http://www.bytesonic.com/en/index.php
Logo BYTESONIC - Bytesonic Electronics Co., Ltd.

MB30B Datasheet(HTML) 2 Page - Bytesonic Electronics Co., Ltd.

  MB30B Datasheet HTML 1Page - Bytesonic Electronics Co., Ltd. MB30B Datasheet HTML 2Page - Bytesonic Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MB30A thru MB30M.
RATING AND CHARACTERTIC CURVES
FIG.1-FORWARD CURRENT DERATING CURVE
TEMPERATURE, °C
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
60
120
140
0.0
1.5
3.0
100
80
40
20
0
FIG.3-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(VOLTS)
10.0
100
0.1
1.0
4.0
1.0
10
100
TJ=25℃,f=1MHZ
FIG.4-TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
0.1
0.01
1.0
0
0.2
0.8
0.4
1.0
1.6
0.6
1.2
1.4
10
1.8
TJ = 25°C
PULSE WIDTH 300us
FIG.5-TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
1000
0.01
0
20
40
60
80
100
120
140
10
1.0
0.1
100
TJ=150°C
TJ=125°C
TJ=100°C
TJ=25°C
NUMBER OF CYCLES AT 60Hz
FIG.2-MAXIMUM NON-REPETITIVE SUNRGE CURRENT
0
10
100
100
120
0
20
40
60
80
2
50
20
5
PULSE WIDTH 8.3ms
SINGLE HALF-SINE-WAVE
(JEDEC METHOD)
Version 1.0
2018/5/7
http://www.bytesonic.com
.tw



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com