Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSB402 Datasheet(PDF) 2 Page - Bytesonic Electronics Co., Ltd.

Part # MSB402
Description  SINGLE PHASE 4.0 AMP SURFACE MOUNT BRIDGE RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BYTESONIC [Bytesonic Electronics Co., Ltd.]
Direct Link  http://www.bytesonic.com/en/index.php
Logo BYTESONIC - Bytesonic Electronics Co., Ltd.

MSB402 Datasheet(HTML) 2 Page - Bytesonic Electronics Co., Ltd.

  MSB402 Datasheet HTML 1Page - Bytesonic Electronics Co., Ltd. MSB402 Datasheet HTML 2Page - Bytesonic Electronics Co., Ltd. MSB402 Datasheet HTML 3Page - Bytesonic Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
210
180
150
120
90
60
30
0
0.2 0.4
0.6
0.8
1.0
1.2
1.4
1.6
FIG. 3-TYPICAL FORWARD VOLTAGE CHARACTERISTICS
Number of cycles
FIG. 2-MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT PERLEG
FIG. 1- DERATING CURVE OUTPUT RECTIFIED CURRENT
Instantaneou Foward Voltage
1
100
100
10
1
0.1
Percent Of Rated Peak Reverse Voltage(%)
FIG. 4-TYPICAL REVERSE LEAKAGE CHARACTERISTICS
Lead Temperature
10
cle
Cy
1
Hz
=60
f
TJ=25
th=300
lse Wid
Pu
us
Cycle
Duty
1%
8.0
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0.0
0
20
40
60
80
100
120
140
160
Volts
0.01
0.1
1.0
10
100
140
0
20
40
60
80
100
120
5 C
T = 2
j
°
125 C
T =
j
°
Suggested Pad Layout
0.360
0.102
0.289
Unit (mm)
Symbol
0.071
1.8
A
5.50
C
D
0.078
F
2.6
9.15
E
B
Unit (inch)
0.216
2.0
7.35
RATING AND CHARACTERISTIC CURVES (MSB601 THRU MSB607)
Version 1.1
2018/2/27
http://www.bytesonic.com
.tw/
MSB401~MSB407



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com